Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT11-013 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT11-013
Description  NEMA 11 High Torque Step Motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT11-013 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT11-013 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT11-013 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT11-013 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
HT11-013
Frame Size:
NEMA 11
Motor Type:
High torque
Part Number w/Double
Shaft:
HT11-013D
Motor Length:
1.87 inches
Number of Lead
Wires:
4
Lead Wire
Configuration:
flying leads, no connector
Lead Wire/Cable
Length:
7.9 inches inches
Lead Wire Gauge:
26 AWG
Bipolar Holding
Torque:
15.3 oz-in
Step Angle:
1.8 deg
Bipolar Parallel
Current:
1.0 A/phase
Bipolar Parallel
Resistance:
2.0 Ohms/phase
Bipolar Parallel
Inductance:
2.6 mH/phase
Rotor Inertia:
2.55E-04 oz-in-sec
Integral Gearhead:
No
Storage Temperature:
-40 to 70 °C
Operating
Temperature:
-20 to 40 °C
Insulation Class:
Class B (130 ºC)
Shaft Run Out:
0.001 inch T.I.R. max
Radial Play:
0.001 inch max w/ 1.1 lb load
End Play:
0.003 inch max w/ 2.2 lb load
Perpendicularity:
0.002 inches
Concentricity:
0.002 inches
Specifications
2


Similar Part No. - HT11-013

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
HT11-013 AMP-HT11-013 Datasheet
55Kb / 2P
   1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT11-013 AMP-HT11-013 Datasheet
108Kb / 2P
   Recommended Motors
HT11-013 AMP-HT11-013 Datasheet
54Kb / 2P
   2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT11-013 AMP-HT11-013 Datasheet
56Kb / 2P
   2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT11-013 AMP-HT11-013 Datasheet
101Kb / 2P
   2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
More results

Similar Description - HT11-013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT11-012 ETC2-HT11-012 Datasheet
83Kb / 3P
   NEMA 11 High Torque Step Motor
HT11-020 ETC2-HT11-020 Datasheet
214Kb / 3P
   NEMA 11 High Torque Step Motor
HT11-021 ETC2-HT11-021 Datasheet
182Kb / 3P
   NEMA 11 High Torque Step Motor
HT23-595 ETC2-HT23-595 Datasheet
82Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-552 ETC2-HT23-552 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-596 ETC2-HT23-596 Datasheet
81Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-597 ETC2-HT23-597 Datasheet
81Kb / 3P
   NEMA 23 High Torque Step Motor
HT17-276 ETC2-HT17-276 Datasheet
80Kb / 3P
   NEMA 17 High Torque Step Motor
HT23-549 ETC2-HT23-549 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT34-489 ETC2-HT34-489 Datasheet
116Kb / 3P
   NEMA 34 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com