Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFM04BE471Q2N34BS Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PTFM04BE471Q2N34BS
Description  compact and light design as well as excellent thermal response
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTFM04BE471Q2N34BS Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PTFM04BE471Q2N34BS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTFM04BE471Q2N34BS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTFM04BE471Q2N34BS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PTFM04BE471Q2N34BS
Specifications
Max. Voltage
16V
Sensing Temperature
90
Measure Condition of Sensing
Temperature
TS
Resistance
(25
)
100Ω
Resistance Value Tolerance (at
25
)
max.
Resistance
330Ω
Measure Condition of Resistance
max.(TS-
10
)
Resistance Value(2)
470Ω
Measure Condition of Resistance(2)
min.(TS
)
Operating Temperature Range
-
10
to
100
Shape
Lead
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/08


Similar Part No. - PTFM04BE471Q2N34BS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTFM04BE471Q2N34BS MURATA-PTFM04BE471Q2N34BS Datasheet
212Kb / 3P
   PTC Thermistors
logo
Murata Manufacturing Co...
PTFM04BE471Q2N34BS MURATA1-PTFM04BE471Q2N34BS Datasheet
270Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PTFM04BE471Q2N34BS MURATA1-PTFM04BE471Q2N34BS Datasheet
309Kb / 3P
   PTC Thermistors
02/05/2024
logo
Murata Manufacturing Co...
PTFM04BE471Q2N34BS MURATA-PTFM04BE471Q2N34BS_17 Datasheet
212Kb / 3P
   PTC Thermistors
logo
Murata Manufacturing Co...
PTFM04BE471Q2N34BS MURATA1-PTFM04BE471Q2N34BS_V01 Datasheet
270Kb / 3P
   PTC for Temperature Sensor
12/06/2022
More results

Similar Description - PTFM04BE471Q2N34BS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTFM04BG222Q2N34BS MURATA-PTFM04BG222Q2N34BS Datasheet
195Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BF222Q2N34BS MURATA-PTFM04BF222Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BB471Q2N34BS MURATA-PTFM04BB471Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BE222Q2N34BS MURATA-PTFM04BE222Q2N34BS Datasheet
200Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BF471Q2N34BS MURATA-PTFM04BF471Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BH471Q2N34BS MURATA-PTFM04BH471Q2N34BS Datasheet
198Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BB222Q2N34BS MURATA-PTFM04BB222Q2N34BS Datasheet
197Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BC222Q2N34BS MURATA-PTFM04BC222Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BC471Q2N34BS MURATA-PTFM04BC471Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BD222Q2N34BS MURATA-PTFM04BD222Q2N34BS Datasheet
200Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BD471Q2N34BS MURATA-PTFM04BD471Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com