Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301420051 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301420051
Description  Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-50, 250V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301420051 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301420051 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301420051
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Super-Safeway® Plug, 2 Pole/3 Wire, NEMA 6-50, 250V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130142
IP Rating
N/A
NEMA Configuration
NEMA 6-50
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Super-Safeway™
Receptacle Type
N/A
Specialty
N/A
Type
Plug
UPC
78678808664
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
No
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
50.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
8664
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130142 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301420051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301420052 MOLEX11-1301420052 Datasheet
53Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-50, 250V
More results

Similar Description - 1301420051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130142-0051 MOLEX11-130142-0051 Datasheet
51Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-50, 250V
130142-0052 MOLEX11-130142-0052 Datasheet
51Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-50, 250V
1301420052 MOLEX11-1301420052 Datasheet
53Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-50, 250V
1301410020 MOLEX11-1301410020 Datasheet
35Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
1301410022 MOLEX11-1301410022 Datasheet
54Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
130141-0020 MOLEX11-130141-0020 Datasheet
43Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
130141-0022 MOLEX11-130141-0022 Datasheet
61Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
1301440061 MOLEX11-1301440061 Datasheet
34Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
1301440065 MOLEX11-1301440065 Datasheet
47Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
130144-0061 MOLEX11-130144-0061 Datasheet
42Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com