Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301430103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301430103
Description  Super-Safeway Cordset 14 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 15.24m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301430103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301430103 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301430103
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Super-Safeway® Cordset 14 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 15.24m
(50.0'), NEMA 5-15, 125V, Inline GFCI
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E38085
General
Product Family
Wiring Devices
Series
130143
IP Rating
N/A
NEMA Configuration
NEMA 5-15
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Super-Safeway™
Receptacle Type
Single
Specialty
N/A
Type
Cordset
UPC
78678870150
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Male-Female
Length
15.24m (50.0')
Locking Blade
No
Poles
2-pole/3-wire
Electrical
Cord Type
14/3 SJOW
Current - Maximum per Contact
15.0A
GFCI
Yes-In-line
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
1447B143IN
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130143 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301430103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301430102 MOLEX11-1301430102 Datasheet
42Kb / 1P
   Super-Safeway Cordset 14 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
1301430104 MOLEX11-1301430104 Datasheet
42Kb / 1P
   Super-Safeway Cordset 16 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
More results

Similar Description - 1301430103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301430141 MOLEX11-1301430141 Datasheet
33Kb / 1P
   Watertite Cordset 14 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 15.24m
1301430102 MOLEX11-1301430102 Datasheet
42Kb / 1P
   Super-Safeway Cordset 14 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
1301430207 MOLEX11-1301430207 Datasheet
42Kb / 1P
   Super-Safeway Cordset 14 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
130143-0103 MOLEX11-130143-0103 Datasheet
41Kb / 1P
   Super-Safeway Cordset 14 Gauge SJOW, 2 Pole/3 Wire
1301430224 MOLEX11-1301430224 Datasheet
33Kb / 1P
   Watertite Cordset 12 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 15.24m
1301430099 MOLEX11-1301430099 Datasheet
42Kb / 1P
   Super-Safeway Cordset 12 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
130143-0176 MOLEX11-130143-0176 Datasheet
38Kb / 1P
   Super-Safeway Cordset 16 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
1301430176 MOLEX11-1301430176 Datasheet
31Kb / 1P
   Super-Safeway Cordset 16 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
1301430312 MOLEX11-1301430312 Datasheet
37Kb / 1P
   Super-Safeway Cordset, 10 Gauge SOOW, 2 Pole/3 Wire, Cordset, Length 15.24m
1301430088 MOLEX11-1301430088 Datasheet
42Kb / 1P
   Super-Safeway Cordset 12 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com