Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHB150-24S48 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHB150-24S48
Description  Single Outputs Ranging from 3.3VDC to 48VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB150-24S48 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCHB150-24S48 Datasheet HTML 1Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 2Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 3Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 4Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 5Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 6Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 7Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 8Page - Wall Industries,Inc. DCHB150-24S48 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev C
DCHB150 SERIES
132~196 Watts
DC/DC Power Conerters
Single Output
10/29/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 9
DCHB150-xxSxx-TF
TERMINAL CONNECTION
NO.
DEFINE
WIRE RANGE
1
-Vin
8AWG to 9AWG
2
NC
NA
3
Ctrl
14AWG to 18AWG
4
+Vin
8AWG to 9AWG
5
-Vout
4AWG to 5AWG
6
-Sense
14AWG to 18AWG
7
Trim
14AWG to 18AWG
8
+Sense
14AWG to 18AWG
9
+Vout
4AWG to 5AWG
DCHB150-xxSxx-TF1
TERMINAL CONNECTION
NO.
DEFINE
WIRE RANGE
1
-Vin
8AWG to 9AWG
2
NC
NA
3
Ctrl
14AWG to 18AWG
4
+Vin
8AWG to 9AWG
5
-Vout
4AWG to 5AWG
6
-Sense
14AWG to 18AWG
7
Trim
14AWG to 18AWG
8
+Sense
14AWG to 18AWG
9
+Vout
4AWG to 5AWG


Similar Part No. - DCHB150-24S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150-24S48 WALL-DCHB150-24S48 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-24S48P WALL-DCHB150-24S48P Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-24S48R WALL-DCHB150-24S48R Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-24S48RL WALL-DCHB150-24S48RL Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-24S48S WALL-DCHB150-24S48S Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
More results

Similar Description - DCHB150-24S48

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
M/A-COM Technology Solu...
MABA-000001-50KIT1 MA-COM-MABA-000001-50KIT1 Datasheet
112Kb / 1P
   transformers ranging from 1 to 3000 MHz
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
   Single Outputs from 3.3 to 48 V
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
   Single Outputs from 18 V to 48 V
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
   Single Outputs from 3.3 V to 24 V
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
   Ranging accuracy to within 10cm
logo
Cree, Inc
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com