Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHB200-24S28 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHB200-24S28
Description  165 - 255 Watts, Half-Brick DC - DC Power Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB200-24S28 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHB200-24S28 Datasheet HTML 1Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 2Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 3Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 4Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 5Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 6Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 7Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 8Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wall Industries, Inc.
Rev E
DCHB200 SERIES
165~255 Watts, Half-Brick DC/DC Power Converters
09/04/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 9
Standards Models
Terminal Block Models (“T” suffix)
Terminal Block w/ EMC Filter (“TF” suffix)
Terminal Block w/ EMC Filter (“TF1” suffix)
Size: 2.40 x 2.28 x 0.50 inches
Size: 3.35 x 2.40 x 1.27 inches
Size: 3.35 x 2.40 x 1.47 inches
Size: 3.35 x 2.40 x 1.53 inches
OPTIONS
FEATURES
Pin Length
Sync Pin
Case Pin
Heatsinks
Thru-Hole Inserts
Negative Logic Remote On/Off
Terminal Block
Terminal Block with Aluminum
Base-plate and EMC Filter
Terminal Block with Anodized
Aluminum Base-plate and EMC
Filter, can be Connected to PE
Soft-Start
2:1 Wide Input Voltage Ranges
165~255 Watts Output Power
No Minimum Load Requirements
Adjustable Output Voltage
Remote On/Off Control
Industry Standard Half-Brick Footprint
High Efficiency up to 93%
Six-Sided Shielding
Single Outputs Ranging from 3.3VDC to 53VDC
Input to Output Basic Insulation: 2250VDC
Threaded Inserts and Thru-Hole Inserts Available
Short Circuit, Over Voltage, Over Current, & Over Temp. Protection
-40°C to +115°C Operating Case Temperature
Compliant to RoHS EU Directive 2011/65/EU
CE Mark Meets 2006/95/EC, 2011/95/EC, and 2004/108/EC
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
Several Mechanical Options Available
APPLICATIONS
DESCRIPTION
Wireless Networks
Measurement Equipment
Telecom / Datacom
Industry Control Systems
Distributed Power Architectures
Semiconductor Equipment
Military Applications
The DCHB200 series of DC/DC power converters provides up to 255 Watts of output power in an industry standard
half-brick package and footprint. This series consists of single output models ranging from 3.3VDC to 53VDC with
2:1 wide input voltage ranges. Some features include high efficiency up to 93%, adjustable output voltage, and
remote on/off control. These converters also have short circuit, over voltage, over current, and over temperature
protection. The DCHB200 series is RoHS compliant and has UL60950-1, EN60950-1, and IEC60950-1 safety approvals.
Several different options are available for this series including negative remote on/off control, terminal block, pin
length, heatsinks, sync pin, case pin, and thru-hole inserts.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output
Voltage
Min. load
Full load
No Load (2)
Input Current
Ripple & Noise (3) (4)
Output
Power
Maximum
Capacitive Load (5)
Efficiency (3)
DCHB200-12S3.3
3.3 VDC
0mA
50A
25mA
75mVp-p
165W
151000µF
87%
DCHB200-12S05
12 VDC
(9 - 22 VDC)
5 VDC
0mA
36A
90mA
75mVp-p
180W
72000µF
90%
DCHB200-12S12
12 VDC
0mA
15A
90mA
100mVp-p
180W
12500µF
90%
DCHB200-12S15
15 VDC
0mA
12A
55mA
100mVp-p
180W
8000µF
90%
DCHB200-12S24
24 VDC
0mA
7.5A
70mA
200mVp-p
180W
3100µF
90%
DCHB200-12S28
28 VDC
0mA
6.5A
55mA
200mVp-p
182W
2300µF
90%
DCHB200-12S48
12 VDC
(8.5 - 22 VDC)
48 VDC
0mA
3.7A
75mA
300mVp-p
177.6W
770µF
89%
DCHB200-24S3.3
3.3 VDC
0mA
50A
20mA
75mVp-p
165W
151000µF
88%
DCHB200-24S05
5 VDC
0mA
40A
35mA
75mVp-p
200W
80000µF
91%
DCHB200-24S12
12 VDC
0mA
18A
45mA
100mVp-p
216W
15000µF
91%
DCHB200-24S15
15 VDC
0mA
15A
45mA
100mVp-p
225W
10000µF
91%
DCHB200-24S24
24 VDC
0mA
9A
40mA
200mVp-p
216W
3700µF
93%
DCHB200-24S28
28 VDC
0mA
7.5A
50mA
200mVp-p
210W
2600µF
93%
DCHB200-24S48
24 VDC
(16.5 - 36 VDC)
48 VDC
0mA
4.5A
50mA
300mVp-p
216W
930µF
91%
DCHB200-48S3.3
3.3 VDC
0mA
60A
20mA
75mVp-p
198W
181000µF
90%
DCHB200-48S05
5 VDC
0mA
46A
20mA
75mVp-p
230W
92000µF
91%
DCHB200-48S12
12 VDC
0mA
21A
25mA
100mVp-p
252W
17500µF
91%
DCHB200-48S15
15 VDC
0mA
17A
25mA
100mVp-p
255W
11300µF
93%
DCHB200-48S24
24 VDC
0mA
10.5A
25mA
200mVp-p
252W
4300µF
92%
DCHB200-48S28
28 VDC
0mA
9A
25mA
200mVp-p
252W
3200µF
92%
DCHB200-48S48
48 VDC
0mA
5.2A
25mA
300mVp-p
249.6W
1000µF
92%
DCHB200-48S53
48 VDC
(33 - 75 VDC)
53 VDC
0mA
4.7A
25mA
300mVp-p
249.1W
880µF
92%


Similar Part No. - DCHB200-24S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200-24S28 WALL-DCHB200-24S28 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
More results

Similar Description - DCHB200-24S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com