Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW75-24S24 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHBW75-24S24
Description  4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW75-24S24 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHBW75-24S24 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. E
DCHBW75 Series
4:1 Input Voltage Ranges
Up to 76.8 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/21/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 8
SPECIFICATIONS: DCHBW75 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
48VDC nominal input models
18
48
75
Input Voltage Range
110VDC nominal input models
43
110
160
VDC
24VDC nominal input models
9
48VDC nominal input models
18
Start-up Voltage
110VDC nominal input models
43
VDC
24VDC nominal input models
7.5
48VDC nominal input models
16
Shutdown Voltage
110VDC nominal input models
36
VDC
24VDC nominal input models
50
48VDC nominal input models
100
Input Surge Voltage (100ms)
110VDC nominal input models
185
VDC
Input Current
No Load
See Table
Input Filter (See Note 13)
Pi Type
Input Reverse Protection (See Note 15)
Parallel diode
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
-0.1
+0.1
%
Load Regulation
No load to full load
-0.1
+0.1
%
Voltage Accuracy
Full load an nominal Vin
-1
+1
%
Voltage Adjustability (See Note 7)
-20
+10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise (peak to peak)
20MHz Bandwidth
See Table
Transient Response Recovery Time
25% load step change
200
µs
110VDC Input Models
60
ms
Start-Up Time
Others
Nominal input and constant resistive load
Power Up or Remote On/Off
25
ms
Remote Sense (See Note 8)
10
% Vo
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection Threshold
Hiccup
115
130
% Vo
110VDC nominal input models
150
Over Current Protection Threshold
Others
110
140
% Io
Short Circuit Protection
Hiccup, automatic recovery
Over Temperature Protection
+115
°C
REMOTE ON/OFF CONTROL (See Note 6)
DC/DC ON
Open or 3V < Vr < 12V
Positive Logic (standard)
DC/DC OFF
Short or 0V < Vr < 1.2V
DC/DC ON
Short or 0V < Vr < 1.2V
Negative Logic (optional)
DC/DC OFF
Open or 3V < Vr < 12V
Input Current of Remote Control Pin
Nominal Vin
-0.5
1
mA
Remote Off State Input Current
Nominal Vin
3
mA


Similar Part No. - DCHBW75-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75-24S24 WALL-DCHBW75-24S24 Datasheet
679Kb / 9P
   Up to 76.8 Watts DC/DC Power Converter Single Outputs
More results

Similar Description - DCHBW75-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
logo
Power Mate Technology C...
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com