Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW100-24S3.3 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCHBW100-24S3.3
Description  82.5-100.8 Watts, Half-Brick DC-DC Power Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW100-24S3.3 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCHBW100-24S3.3 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Wall Industries, Inc.
Rev B
DCHBW100 SERIES
82.5~100.8 Watts, Half-Brick DC/DC Power Converters
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 8
DERATING CURVES
DCHBW100-48S05 Derating Curve (Note 3)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
Natural Convection (20LFM)
Terminal Block
Natural Convection (20LFM)
DC/DC module only
100LFM
200LFM
300LFM
400LFM
500LFM
Mount on 2U iron base-plate
(dimensions: 19” x 3.5” x 0.063”)
Natural Convection (20LFM)
DCHBW100-48S05 Derating Curve with 0.24” Height Heatsink (Note 3)
DCHBW100-48S05 Derating Curve with 0.45” Height Heatsink (Note 3)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Natural Convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
Ambient Temperature (°C)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Natural Convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
Ambient Temperature (°C)
EFFICIENCY GRAPHS
DCHBW100-48S05 Efficiency vs Input Voltage
DCHBW100-48S05 Efficiency vs Output Load
16.5
24
30
36
42
48
54
60
66
72
75
Input Voltage (VDC)
Iout=100% F.L.
Iout=50% F.L.
Iout=25% F.L.
60
66
72
78
84
90
96
10
20
30
40
50
60
70
80
90
100
% of Full Load
Vin=24V
Vin=48V
Vin=75V
Vin=16.5V
60
66
72
78
84
90
96


Similar Part No. - DCHBW100-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100-24S3.3 WALL-DCHBW100-24S3.3 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
More results

Similar Description - DCHBW100-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com