Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW100-24S3.3 Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # DCHBW100-24S3.3
Description  82.5-100.8 Watts, Half-Brick DC-DC Power Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW100-24S3.3 Datasheet(HTML) 8 Page - Wall Industries,Inc.

  DCHBW100-24S3.3 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW100-24S3.3 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Wall Industries, Inc.
Rev B
DCHBW100 SERIES
82.5~100.8 Watts, Half-Brick DC/DC Power Converters
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 8
MODEL NUMBER SETUP
DCHBW
100
-
24
S
12
R
Series Name
Output Power
Input Voltage
Output Quantity
Ouptut Voltage
Remote On/Off & Pin Length
100:
100 Watts
24:
8.5-36 VDC
S:
single
3.3:
3.3 VDC
None:
positive Logic, 0.200” pin length
9-36 VDC
05:
5 VDC
S:
positive Logic, 0.145” pin length
48:
16.5-75 VDC
12:
12 VDC
R:
negative Logic, 0.200” pin length
110:
43-160 VDC
15:
15 VDC
RL:
negative Logic, 0.145” pin length
24:
24 VDC
28:
28 VDC
48:
48 VDC
TH
H
TF
Thru-Hole Inserts (1)
Heatsink (1) (2)
Terminal Block (2) (3) (4)
None:
threaded inserts
None:
no heatsink
None:
no terminal block
TH:
Ø0.126 thru-hole inserts (1)
H:
0.45” vertical
T:
Terminal block with aluminum base-plate
H1:
0.24” horizontal
TF:
Terminal block with aluminum base-plate and EMC filter
H2:
0.24” vertical
TF1:
H3:
0.45” horizontal
Terminal block with anodized aluminum base-plate and EMC
filter, can be connected to Protective Earth (PE)
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
2. Terminal block models (suffix “T”, “TF”, and “TF1”) cannot be equipped with a heatsink.
3. Only 0.200” pin length is available with terminal block options.
4. Models with EMC filter (suffix “TF” and “TF1”) meet EN55011, EN55022 Class A.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCHBW100-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100-24S3.3 WALL-DCHBW100-24S3.3 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
More results

Similar Description - DCHBW100-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com