Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW100-24S28 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHBW100-24S28
Description  82.5-100.8 Watts, Half-Brick DC-DC Power Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW100-24S28 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHBW100-24S28 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW100-24S28 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW100-24S28 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW100-24S28 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW100-24S28 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW100-24S28 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW100-24S28 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW100-24S28 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wall Industries, Inc.
Rev B
DCHBW100 SERIES
82.5~100.8 Watts, Half-Brick DC/DC Power Converters
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 8
SPECIFICATIONS: DCHBW100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
3.3Vout & 5Vout
9
24
36
24VDC nominal input models
Others
8.5
24
36
48VDC nominal input models
16.5
48
75
Input Voltage Range
110VDC nominal input models
43
110
160
VDC
24VDC nominal input models
9
48VDC nominal input models
18
Start-Up Voltage
110VDC nominal input models
43
VDC
24VDC nominal input models
7.3
8.1
48VDC nominal input models
15.5
16.3
Shutdown Voltage
110VDC nominal input models
33.0
36.0
VDC
24VDC nominal input models
50
48VDC nominal input models
100
Input Surge Voltage (1sec, max.)
110VDC nominal input models
185
VDC
Input Current
No Load
See Table
Input Filter (See Note 1)
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.1
+0.1
%
Load Regulation
No load to full load
-0.1
+0.1
%
Voltage Adjustability (See Note 6)
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote Sense (See Note 2)
% of nominal Vout
10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
With a 1µF/25V X7R MLCC and a 22µF/25V POS-CAP
3.3Vout & 5Vout
75
With a 1µF/25V X7R MLCC and a 22µF/25V POS-CAP
12Vout & 15Vout
100
With a 4.7µF/50V X7R MLCC
24Vout & 28Vout
200
Ripple & Noise (20MHz bandwidth)
With a 2.2µF/100V X7R MLCC
48Vout
300
mVp-p
Transient Response Recovery Time
25% load step change
200
250
µs
Power Up
75
Start-Up Time
Constant resistive load
Remote On/Off
75
ms
Temperature Coefficient
-0.02
+0.02
%/°C
REMOTE ON/OFF CONTROL
DC/DC ON
Open or 3 ~ 12VDC
Positive Logic (standard)
Referenced to –Input pin
DC/DC OFF
Short or 0 ~ 1.2VDC
DC/DC ON
Open or 3 ~ 12VDC
Negative Logic (optional)
Referenced to –Input pin
DC/DC OFF
Short or 0 ~ 1.2VDC
Input Current of CTRL Pin
Nominal Vin
-0.5
1
mA
Remote OFF Input Current
Nominal Vin
3
mA
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
24VDC & 48VDC Input Models
120
150
Over Load Protection
% of rated Iout; hiccup mode
110VDC Input Models
150
%
Over Voltage Protection
% of nominal Vout; hiccup mode
115
130
%
Over Temperature Protection
+115
°C
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
Base-plate
-40
+115
°C
Terminal block types
-40
+105
Storage Temperature
Others
-55
+125
°C
Vertical direction by natural convection (20LFM)
Module without assembly options
6.7
0.24” height heatsink
5.4
Thermal Impedance (See Note 3)
0.45” height heatsink
4.7
°C/W
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
MTBF
MIL-HDBK-217F Ta=25°C, full load (G/B, controlled environment)
408,700
hours


Similar Part No. - DCHBW100-24S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100-24S28 WALL-DCHBW100-24S28 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
More results

Similar Description - DCHBW100-24S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com