Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW150-24S3.3 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHBW150-24S3.3
Description  4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S3.3 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCHBW150-24S3.3 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW150-24S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW150-24S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S3.3 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S3.3 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S3.3 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S3.3 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. D
DCHBW150 Series
4:1 Input Voltage Ranges
132~182 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/08/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 7 of 8
HEATSINK OPTIONS
Vertical Fin Orientation (Suffixes “H”, “H2”)
Horizontal Fin Orientation (Suffixes “H1”, “H3”)
2.28 (57.9)
Unit: inches (mm)
Heatsink Options
H = 0.24 inches (“H2” suffix)
H = 0.45 inches (“H” suffix)
H
2.28 (57.9)
Unit: inches (mm)
Heatsink Options
H = 0.24 inches (“H1” suffix)
H = 0.45 inches (“H3” suffix)
TERMINAL BLOCK OPTIONS
Wall Mounted without EMC Filter (Suffix “T”)
Wall Mounted with EMC Filter (Suffix “TF”)
Terminal Block Type
T
TF
(3)
TF1
(3) (4)
Weight
8.29oz (235g)
9.88oz (280g)
26.10oz (740g)
Dimensions
3.35 x 2.40 x 1.27 inches
(85.0 x 61.0 x 32.3 mm)
3.35 x 2.40 x 1.47 inches
(85.0 x 61.0 x 37.3 mm)
4.00 x 3.50 x 3.50 inches
(101.6 x 88.9 x 88.9 mm)
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
2. No “SY” or “CP” function for terminal block type.
3. Models with EMC filter (suffix “TF” and “TF1”) meet EN55011, EN55022 Class A.
4. “TF1” models have an ambient operating temperature of -40°C to +70°C (without derating).


Similar Part No. - DCHBW150-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150-24S3.3 WALL-DCHBW150-24S3.3 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S3.3-RT WALL-DCHBW150-24S3.3-RT Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S3.3-RTF WALL-DCHBW150-24S3.3-RTF Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S3.3-RTF1 WALL-DCHBW150-24S3.3-RTF1 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
More results

Similar Description - DCHBW150-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75 WALL-DCHBW75 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com