Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW200 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCHBW200
Description  165 - 240 Watts, Half-Brick DC - DC Power Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW200 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCHBW200 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 8Page - Wall Industries,Inc. DCHBW200 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Wall Industries, Inc.
Rev F
DCHBW200 SERIES
165~240 Watts, Half-Brick DC/DC Power Converters
05/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 10
MECHANICAL DRAWINGS
METAL CASE (24VDC & 48VDC Nominal Input Models)
1.900 (48.26)
2.28 (57.9)
0.50
(12.7)
0.200 (5.08)
0.02 (0.6)
Threaded (Standard) 4-M3X0.5
Thru-Hole (“TH” suffix) 4-Ø0.126 (Ø3.2)
The screw locked torque: MAX 0.49N.M
(5.0kgf.cm)
See Note 4
Unit: inches (mm)
NOTES
1. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
4. Case Grounding: EMI can be reduced when you
connect the four screw bolts to the shield plane.
Output can be externally trimmed by
using the method shown below.
7
8
TRIM UP
6
7
TRIM DOWN
RU
RD
EXTERNAL OUTPUT TRIMMING
PIN CONNECTIONS
PIN
Define
Diameter
1
- INPUT
0.04 in.
2
CASE (optional)
0.04 in.
3
CTRL
0.04 in.
4
+ INPUT
0.04 in.
5
- OUTPUT
0.08 in.
6
- SENSE
0.04 in.
7
TRIM
0.04 in.
8
+ SENSE
0.04 in.
9
+ OUTPUT
0.08 in.
10
SYNC (optional)
0.04 in.
PLASTIC CASE (110VDC Nominal Input Models)
1.900 (48.26)
2.28 (57.9)
0.50
(12.7)
0.200 (5.08)
0.02 (0.6)
Threaded (Standard) 4-M3X0.5
Thru-Hole (“TH” suffix) 4-Ø0.126 (Ø3.2)
The screw locked torque: MAX 0.49N.M
(5.0kgf.cm)
See Note 4
Unit: inches (mm)
NOTES
1. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
4.Case Grounding: EMI can be reduced when you
connect the four screw bolts to the shield plane.
Output can be externally trimmed by
using the method shown below.
7
8
TRIM UP
6
7
TRIM DOWN
RU
RD
EXTERNAL OUTPUT TRIMMING
PIN CONNECTIONS
PIN
Define
Diameter
1
- INPUT
0.04 in.
2
CASE (optional)
0.04 in.
3
CTRL
0.04 in.
4
+ INPUT
0.04 in.
5
- OUTPUT
0.08 in.
6
- SENSE
0.04 in.
7
TRIM
0.04 in.
8
+ SENSE
0.04 in.
9
+ OUTPUT
0.08 in.
10
SYNC (optional)
0.04 in.
PRODUCT OPTIONS
Product Options
Suffix
Product Options
Suffix
0.200” pin length
R
H = 0.45” Vertical Fin
H
Negative Remote ON/OFF Logic
1
H
n
i
F
l
a
t
n
o
z
i
r
o
H
4
2
.
0
=
H
L
R
h
t
g
n
e
l
n
i
p
5
4
1
.
0
0.200” pin length
None
H = 0.24” Vertical Fin
H2
Positive Remote ON/OFF Logic
S
h
t
g
n
e
l
n
i
p
5
4
1
.
0
Heatsinks
3
H
n
i
F
l
a
t
n
o
z
i
r
o
H
5
4
.
0
=
H
Thru-Hole Inserts
Ø0.126 thru-hole (no thread) inserts
TH
(1)
Wall Mounted
T
(3)
Sync Pin
SY
(2)
Wall Mounted with EMC Filter
TF
(3)(4)
Case Pin
CP
(2)
Terminal Block
Wall Mounted with EMC Filter and can be connected to PE
TF1
(3)(4)
NOTES
1. Model with thru-hole inserts cannot be equipped with a heatsink.
2. No “SY” or “CP” function for terminal block types.
3. Only 0.200” pin length is available with terminal block options.
4. Models with EMC filter meet EN55011, EN55022 Class A.


Similar Part No. - DCHBW200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200-110S05 WALL-DCHBW200-110S05 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200-110S12 WALL-DCHBW200-110S12 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200-110S15 WALL-DCHBW200-110S15 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200-110S24 WALL-DCHBW200-110S24 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
More results

Similar Description - DCHBW200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com