Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW150-24S48 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHBW150-24S48
Description  4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S48 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHBW150-24S48 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW150-24S48 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW150-24S48 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S48 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S48 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S48 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S48 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S48 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. D
DCHBW150 Series
4:1 Input Voltage Ranges
132~182 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/08/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 8
SPECIFICATIONS: DCHBW150 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
3.3 & 5VDC models
9
24
36
24VDC nominal input models
Others
8.5
24
36
48VDC nominal input models
16.5
48
75
Input Voltage Range
110VDC nominal input models
43
110
160
VDC
24VDC nominal input models
9
48VDC nominal input models
18
Start-up Voltage
110VDC nominal input models
43
VDC
24VDC nominal input models
7.3
8.1
48VDC nominal input models
15.5
16.3
Shutdown Voltage
110VDC nominal input models
33.0
36.0
VDC
24VDC nominal input models
50
48VDC nominal input models
100
Input Surge Voltage (1 sec)
110VDC nominal input models
185
VDC
Input Current
No Load
See Table
Sync Pin Signal (See Note 14)
-0.3
5.6
VDC
Input Filter (See Note 13)
Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
-0.1
+0.1
%
Load Regulation
No load to full load
-0.1
+0.1
%
Voltage Accuracy
Full load an nominal Vin
-1
+1
%
Voltage Adjustability (See Note 7)
-20
+10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise (peak to peak)
20MHz Bandwidth
See Table
Transient Response Recovery Time
25% load step change
250
µs
Power Up
75
ms
Start-Up Time
Remote On/Off
Nominal input and constant resistive load
75
ms
Remote Sense (See Note 8)
10
% Vo
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection Threshold
Hiccup
115
130
% Vo
Over Current Protection Threshold
120
150
% Io
Short Circuit Protection
Hiccup, automatic recovery
Over Temperature Protection
+120
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
225
250
275
KHz
I/P to O/P (Basic Insulation) For 1 minute
2250
VDC
I/P to Case
For 1 minute
1600
VDC
Isolation Voltage
O/P to Case
For 1 minute
1600
VDC
Isolation Resistance
1
GΩ
Isolation Capacitance
2500
pF
Maximum Capacitive Load
Minimum input and constant resistive load
See Table


Similar Part No. - DCHBW150-24S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150-24S48 WALL-DCHBW150-24S48 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S48-RT WALL-DCHBW150-24S48-RT Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S48-RTF WALL-DCHBW150-24S48-RTF Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S48-RTF1 WALL-DCHBW150-24S48-RTF1 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
More results

Similar Description - DCHBW150-24S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75 WALL-DCHBW75 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com