Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCHBW100-48S28 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHBW100-48S28
Description  82.5-100.8 Watts, Half-Brick DC-DC Power Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW100-48S28 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHBW100-48S28 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW100-48S28 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW100-48S28 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW100-48S28 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW100-48S28 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW100-48S28 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW100-48S28 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW100-48S28 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wall Industries, Inc.
Rev B
DCHBW100 SERIES
82.5~100.8 Watts, Half-Brick DC/DC Power Converters
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 8
24V & 48V Input Models
110V Input Models
Terminal Block Models
(“T” suffix)
Terminal Block w/ EMC Filter
(“TF” suffix)
Terminal Block w/ EMC Filter
(“TF1” suffix)
Size: 2.40 x 2.28 x 0.50 inches
Size: 2.40 x 2.28 x 0.50 inches
Size: 3.35 x 2.40 x 1.27 inches
Size: 3.35 x 2.40 x 1.47 inches
Size: 3.35 x 2.40 x 1.53 inches
OPTIONS
FEATURES
Pin Length
Heatsinks
Thru-Hole Inserts
Negative Logic Remote On/Off
Terminal Block
Terminal Block with Aluminum
Base-plate and EMC Filter
Terminal Block with Anodized
Aluminum Base-plate and EMC
Filter, Can be Connected to PE
Railway Applications
Soft-Start
4:1 Ultra Wide Input Voltage Ranges
82.5~100.8 Watts Output Power
High Efficiency up to 93%
Under Voltage Lockout
No Minimum Load Requirements
Adjustable Output Voltage
Remote On/Off Control
Industry Standard Half-Brick Footprint
Single Outputs Ranging from 3.3VDC to 48VDC
2250VDC Basic Insulation for 24VDC & 48VDC Nominal Input Models
3000VAC Reinforced Insulation for 110VDC Nominal Input Models
Threaded Inserts and Thru-Hole Inserts Available
Short Circuit, Over Voltage, Over Current, and Over Temp. Protection
Six-Sided Shielding for 24VDC & 48VDC Input Models
Compliant to RoHS EU Directive 2011/65/EU
CE Mark Meets 2006/95/EC, 2011/95/EC, and 2004/108/EC
UL60950-1, EN60950-1, IEC60950-1, & EN50155 Safety Approvals
Several Mechanical Options Available
APPLICATIONS
DESCRIPTION
Railway Systems
Wireless Networks
Telecom / Datacom
Industry Control Systems
Distributed Power Architectures
Semiconductor Equipment
Military Applications
The DCHBW100 series of DC/DC power converters provides up to 100.8 Watts of output power in an industry
standard half-brick package and footprint. This series consists of single output models ranging from 3.3VDC to
48VDC with 4:1 ultra wide input voltage ranges. Some features include high efficiency up to 93%, adjustable
output voltage, and remote on/off control. These converters also have short circuit, over voltage, over current, and
over temperature protection. The DCHBW100 series is RoHS compliant and has UL60950-1, EN60950-1, IEC60950-1,
and EN50155 safety approvals. Several different options are available for this series including negative remote
on/off control, terminal block, pin length, heatsinks, and thru-hole inserts.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Ripple & Noise
No Load
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
DCHBW100-24S3.3
3.3 VDC
0mA
25A
75mVp-p
20mA
82.5W
75,700µF
91%
DCHBW100-24S05
24 VDC
(9 - 36 VDC)
5 VDC
0mA
20A
75mVp-p
25mA
100W
40,000µF
93%
DCHBW100-24S12
12 VDC
0mA
8.4A
100mVp-p
25mA
100.8W
7000µF
90%
DCHBW100-24S15
15 VDC
0mA
6.7A
100mVp-p
25mA
100.5W
4460µF
91%
DCHBW100-24S24
24 VDC
0mA
4.2A
200mVp-p
25mA
100.8W
1750µF
90%
DCHBW100-24S28
28 VDC
0mA
3.6A
200mVp-p
25mA
100.8W
1280µF
90%
DCHBW100-24S48
24 VDC
(8.5 - 36 VDC)
48 VDC
0mA
2.1A
300mVp-p
35mA
100.8W
430µF
90%
DCHBW100-48S3.3
3.3 VDC
0mA
25A
75mVp-p
15mA
82.5W
75,700µF
91%
DCHBW100-48S05
5 VDC
0mA
20A
75mVp-p
15mA
100W
40,000µF
93%
DCHBW100-48S12
12 VDC
0mA
8.4A
100mVp-p
20mA
100.8W
7000µF
90%
DCHBW100-48S15
15 VDC
0mA
6.7A
100mVp-p
20mA
100.5W
4460µF
91%
DCHBW100-48S24
24 VDC
0mA
4.2A
200mVp-p
20mA
100.8W
1750µF
90%
DCHBW100-48S28
28 VDC
0mA
3.6A
200mVp-p
20mA
100.8W
1280µF
92%
DCHBW100-48S48
48 VDC
(16.5 - 75 VDC)
48 VDC
0mA
2.1A
300mVp-p
25mA
100.8W
430µF
91%
DCHBW100-110S3.3
3.3 VDC
0mA
25A
75mVp-p
10mA
82.5W
75,700µF
87%
DCHBW100-110S05
5 VDC
0mA
20A
75mVp-p
10mA
100W
40,000µF
90%
DCHBW100-110S12
12 VDC
0mA
8.4A
100mVp-p
10mA
100.8W
7000µF
90%
DCHBW100-110S15
15 VDC
0mA
6.7A
100mVp-p
10mA
100.5W
4460µF
90%
DCHBW100-110S24
24 VDC
0mA
4.2A
200mVp-p
10mA
100.8W
1750µF
90%
DCHBW100-110S28
28 VDC
0mA
3.6A
200mVp-p
10mA
100.8W
1280µF
90%
DCHBW100-110S48
110 VDC
(43 - 160 VDC)
48 VDC
0mA
2.1A
300mVp-p
10mA
100.8W
430µF
91%


Similar Part No. - DCHBW100-48S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100-48S28 WALL-DCHBW100-48S28 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
More results

Similar Description - DCHBW100-48S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com