Selected language     English  â–Ľ


F-258U_13 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. F-258U_13
Description  Chassis Mount: Single Secondary
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Single Secondary
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: May 11, 2015
B LK
B LK
GRN
GRN/Y E L
GRN
BLK
BLK
GRN
GRN/YEL
GRN
D
E
.203 X.375
SLOTS
4 PLACES
A
B
C
F-258U
Electrical Specifications (@25C)
1. Maximum Power: 160.0 VA
2. Primary: 115V 50/60 Hz
3. Secondary: 20.0VCT @ 8.0 Amps
4. Voltage Regulation: 10 % TYP @ full load to no load
5. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-258U is part of a series which has a long history of reliable service in the
field, made from a proven design and constructed with UL recognized materials.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130Âş C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between
primary and secondary windings as well as between the primary / secondary
windings and the core.
Dimensions:
Units: In inches
A
B
C
D
E
3.750
3.125
3.50
2.50
2.875
Lead length:
7.0 inches + 1 inch
Weight:
6.40 lbs
Schematic:
Primary:
Black to Black
Secondary: Green to Green
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is co
nsidered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl