Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMOPW03-24S33 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMOPW03-24S33
Description  3 Watt Medical DC - DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMOPW03-24S33 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMOPW03-24S33 Datasheet HTML 1Page - Wall Industries,Inc. DCMOPW03-24S33 Datasheet HTML 2Page - Wall Industries,Inc. DCMOPW03-24S33 Datasheet HTML 3Page - Wall Industries,Inc. DCMOPW03-24S33 Datasheet HTML 4Page - Wall Industries,Inc. DCMOPW03-24S33 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev A
DCMOPW03 SERIES
3 Watt Medical DC/DC Power Converters
06/24/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: DCMOPW03 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
Input Voltage Range
48VDC nominal input models
18
48
75
VDC
24VDC nominal input models
9
Start-Up Voltage
48VDC nominal input models
18
VDC
24VDC nominal input models
8
Shutdown Voltage
48VDC nominal input models
16
VDC
24VDC nominal input models
50
Input Surge Voltage (3sec, max.)
48VDC nominal input models
100
VDC
Input Current
No Load
See Table
Input Filter
Pi type
DC/DC ON
Open or 0 ~ 1.2VDC
Remote ON/OFF Control
(Only for “B” type pin connection models)
Referenced to –INPUT pin
DC/DC OFF
2.2 ~ 12 VDC
Input Current of CTRL Pin
Nominal Vin
-0.5
1
mA
Remote OFF Input Current
Nominal Vin
2.5
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Single Output Models
-0.2
+0.2
Line Regulation
Low line to high line at full load
Dual Output Models
-0.5
+0.5
%
Single Output Models
-0.2
+0.2
Load Regulation
No load to full load
Dual Output Models
-1.0
+1.0
%
Cross Regulation
Asymmetrical load 25%/100% FL
Dual Output Models
-5.0
+5.0
%
3.3V, 5V, 12V Output Models
-10
+10
Single Output Models
15V, 24V Output Models
-10
+20
%
Voltage Adjustability
(Only for “B” type pin connection models)
Dual Output Models
±5V, ±12V, ±15V Output Models
-10
+10
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Measured with a 10µF/25V X7R MLCC
3.3V, 5V Output Models
30
Measured with a 10µF/25V X7R MLCC
12V, 15V Output Models
40
Ripple & Noise (20MHz BW)
Measured with a 4.7µF/50V X7R MLCC 24V Output Models
50
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Power Up
30
Start-Up Time
Constant resistive load
Remote On/Off
30
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated Iout; hiccup mode
150
%
3.3V Output Models
3.7
5.4
5V Output Models
5.6
7.0
12V Output Models
13.5
19.6
15V Outputs Models
18.3
22.0
Over Voltage Protection
Continuous clamp
24V Output Models
29.1
32.5
VDC
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
135
150
165
kHz
Isolation Voltage
1 minute
Input to Output
3000
VAC
Isolation Capacitance
12
17
pF
Leakage Current
240VAC, 60Hz
2
µA
Clearance/Creepage
6.6
mm


Similar Part No. - DCMOPW03-24S33

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOPW03-24S33A-P WALL-DCMOPW03-24S33A-P Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S33A-T WALL-DCMOPW03-24S33A-T Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S33B-P WALL-DCMOPW03-24S33B-P Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S33B-T WALL-DCMOPW03-24S33B-T Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S33x WALL-DCMOPW03-24S33x Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMOPW03-24S33

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP03 WALL-DCMOP03_18 Datasheet
482Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03_18 Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPP03 WALL-DCMPP03 Datasheet
337Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com