Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMOPW03-24S24 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMOPW03-24S24
Description  3 Watt Medical DC - DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMOPW03-24S24 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMOPW03-24S24 Datasheet HTML 1Page - Wall Industries,Inc. DCMOPW03-24S24 Datasheet HTML 2Page - Wall Industries,Inc. DCMOPW03-24S24 Datasheet HTML 3Page - Wall Industries,Inc. DCMOPW03-24S24 Datasheet HTML 4Page - Wall Industries,Inc. DCMOPW03-24S24 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev A
DCMOPW03 SERIES
3 Watt Medical DC/DC Power Converters
06/24/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
2µA Patient Leakage Current
Single & Dual Outputs
Under Voltage Protection
High Efficiency up to 87%
4:1 Wide Input Voltage Ranges
Built-in EMI Class A Filter
Low Stand-by Power Consumption
3 Watts Output Power
Reinforced Insulation for 300VAC Working Voltage
Clearance and Creepage Distance: 6.6mm/2MOOP
3000VAC Input to Output 2MOOP Isolation
Short Circuit, Over Voltage, and Over Load Protection
CE Mark Meets 2006/95/EC, 2011/95/EC, and 2004/108/EC
Compliant to RoHS EU Directive 2011/65/EU
ANSI/AAMI ES60601-1, EN60601-1, & IEC60601-1 Safety Approvals
Optional Remote ON/OFF Control and Trim Pin
DESCRIPTION
Size:
1.25 x 0.80 x 0.40 inches
(31.8 x 20.3 x 10.2 mm)
Applications:
Medical Equipment
Telecom/Datacom
Industry Control Systems
Measurement Equipment
Semiconductor Equipment
PV Power Systems
IGBT Gate Drivers
The DCMOPW03 series of medical DC/DC power converters provides 3 Watts of output power in a 1.25” x
0.80” x 0.40” DIP package. This series consists of single and dual output models with 4:1 wide input voltage
ranges of 9-36VDC and 18-75VDC. Some features include high efficiency up to 87%, 3000VDC I/O (2 MOOP)
isolation, and low stand-by power consumption. These converters are also protected against under voltage,
short circuit, over voltage, and over load conditions. All models are RoHS compliant and have ANSI/AAMI
ES60601-1, EN60601-1, and IEC60601-1 safety approvals. Remote ON/OFF and Trim functions are also
available for this series.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number (1)
Input Voltage
Output
Voltage
Output
Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
DCMOPW03-24S33x
3.3 VDC
1000mA
30mVp-p
6mA
3.3W
82%
1050µF
DCMOPW03-24S05x
5 VDC
600mA
30mVp-p
6mA
3W
84.5%
750µF
DCMOPW03-24S12x
12 VDC
250mA
40mVp-p
6mA
3W
87%
130µF
DCMOPW03-24S15x
15 VDC
200mA
40mVp-p
6mA
3W
87%
100µF
DCMOPW03-24S24x
24VDC
(9 - 36 VDC)
24 VDC
125mA
50mVp-p
6mA
3W
87%
39µF
DCMOPW03-48S33x
3.3 VDC
1000mA
30mVp-p
4mA
3.3W
81%
1050µF
DCMOPW03-48S05x
5 VDC
600mA
30mVp-p
4mA
3W
83%
750µF
DCMOPW03-48S12x
12 VDC
250mA
40mVp-p
4mA
3W
86.5%
130µF
DCMOPW03-48S15x
15 VDC
200mA
40mVp-p
4mA
3W
87%
100µF
DCMOPW03-48S24x
48 VDC
(18 - 75 VDC)
24 VDC
125mA
50mVp-p
4mA
3W
86%
39µF
DUAL OUTPUT MODELS
Model Number (1)
Input Voltage
Output
Voltage
Output
Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
DCMOPW03-24D05x
±5 VDC
±300mA
30mVp-p
6mA
3W
83%
±430µF
DCMOPW03-24D12x
±12 VDC
±125mA
40mVp-p
6mA
3W
86.5%
±75µF
DCMOPW03-24D15x
24 VDC
(9 - 36 VDC)
±15 VDC
±100mA
40mVp-p
6mA
3W
86%
±56µF
DCMOPW03-48D05x
±5 VDC
±300mA
30mVp-p
4mA
3W
83%
±430µF
DCMOPW03-48D12x
±12 VDC
±125mA
40mVp-p
4mA
3W
86%
±75µF
DCMOPW03-48D15x
48 VDC
(18 - 75 VDC)
±15 VDC
±100mA
40mVp-p
4mA
3W
86%
±56µF


Similar Part No. - DCMOPW03-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOPW03-24S24A-P WALL-DCMOPW03-24S24A-P Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S24A-T WALL-DCMOPW03-24S24A-T Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S24B-P WALL-DCMOPW03-24S24B-P Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S24B-T WALL-DCMOPW03-24S24B-T Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03-24S24x WALL-DCMOPW03-24S24x Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMOPW03-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP03 WALL-DCMOP03_18 Datasheet
482Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03_18 Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPP03 WALL-DCMPP03 Datasheet
337Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com