Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTAM-165A-1Y28H Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTAM-165A-1Y28H
Description  Up to 165 Watts, Medical AC - DC Desktop Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAM-165A-1Y28H Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTAM-165A-1Y28H Datasheet HTML 1Page - Wall Industries,Inc. DTAM-165A-1Y28H Datasheet HTML 2Page - Wall Industries,Inc. DTAM-165A-1Y28H Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev A
DTAM165 SERIES
Up to 165 Watts, Medical AC/DC Desktop Power Supplies
08/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
MECHANICAL DRAWING
Top View
Side View
4X Rubber Foot
Bottom View
Rear View
DC Output Cable
Front View
6.69 (170.0)
NOTES
1. Unit: inches (mm)
2. AC Inlet: IEC-320-C14
3. Plastic Case Color: Black
4. Tolerance: ±0.5mm
5. Several output connector options available
6. All dimensions are for reference only
Standard output cable: AWM 2464 #16 AWG / 3C + SHIELDING, UL 80°C 300V VW-1, 1050mm
0.08 (2.0)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail: sales@wallindustries.com
Web: www.wallindustries.com
Address: 37 Industrial Drive, Exeter, NH 03833


Similar Part No. - DTAM-165A-1Y28H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAM-200A3-1Y12E WALL-DTAM-200A3-1Y12E Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y16E WALL-DTAM-200A3-1Y16E Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y19E WALL-DTAM-200A3-1Y19E Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y20E WALL-DTAM-200A3-1Y20E Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y24E WALL-DTAM-200A3-1Y24E Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
More results

Similar Description - DTAM-165A-1Y28H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1024 WALL-DTEM1024 Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
   100 - 130 Watts, AC - DC Medical Desktop Power Supplies
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
   Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
WMIHPU25 WALL-WMIHPU25 Datasheet
558Kb / 4P
   Up to 25 Watts, Medical AC - DC Wall Mount Power Supplies
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
logo
Power Systems GmbH+Co.K...
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
   AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VAN70-120 POWER-SYSTEMS-VAN70-120 Datasheet
1Mb / 1P
   AC-DC Power Supplies 72 WATTS DESKTOP AC ADAPTER
logo
Wall Industries,Inc.
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
   Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
logo
Tumbler Technologies + ...
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com