Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTEM1036A2 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTEM1036A2
Description  100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTEM1036A2 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTEM1036A2 Datasheet HTML 1Page - Wall Industries,Inc. DTEM1036A2 Datasheet HTML 2Page - Wall Industries,Inc. DTEM1036A2 Datasheet HTML 3Page - Wall Industries,Inc. DTEM1036A2 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/24/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
DTEM1036 SERIES
100~240VAC Input Voltage Range
C14, C8, and C6 AC Inlet Connector Types
15~36 Watts, Single Outputs
Medical AC/DC Desktop Power Supplies
IEC-320-C14
IEC-320-C8
IEC-320-C6
FEATURES
 Single Outputs
 CEC/Energy Star Level IV Compliant
 RoHS & WEEE Compliant
 Short Circuit and Over Voltage Protection
 MTBF: > 30,000 Hours
 100~240VAC Input Voltage Range
 C14, C8, and C6 AC Inlet Connectors Available
 Dimensions: 3.86” x 1.77” x 1.22”
 UL60601-1 Medical Approvals
 Optional Output Connectors Available
DESCRIPTION
The DTEM1036 series of medical AC/DC desktop power supplies provides up to 36 Watts of continuous output
power in a 3.86” x 1.77” x 1.22” package. This series consists of single output models with a wide input voltage
range of 100~240VAC. The DTEM1036 series is RoHS, WEEE, and CEC/Energy Star Level IV compliant and
has UL60601-1 medical approvals. These models are also protected against over voltage and short circuit
conditions. This series has three AC inlet connector types available: IEC-320-C14, IEC-320-C8, and IEC-320-C6.
Please call factory for ordering details.


Similar Part No. - DTEM1036A2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1024 WALL-DTEM1024 Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Ax WALL-DTEM1024Ax Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Bx WALL-DTEM1024Bx Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Cx WALL-DTEM1024Cx Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Dx WALL-DTEM1024Dx Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTEM1036A2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1090 WALL-DTEM1090 Datasheet
233Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1060 WALL-DTEM1060 Datasheet
432Kb / 4P
   100 - 240VAC Input Voltage Range C14 and C8 AC Inlet Connector Types
logo
LinkCom Manufacturing C...
PLKBPHE010C351 LINKCOM-PLKBPHE010C351 Datasheet
247Kb / 2P
   AC Input 100-240Vac
PLCCS0040142 LINKCOM-PLCCS0040142 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C351 LINKCOM-PLKBPHE005C351 Datasheet
262Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C701 LINKCOM-PLKBPHE005C701 Datasheet
242Kb / 2P
   AC Input 100-240Vac
PLCCS0040112 LINKCOM-PLCCS0040112 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLCCS0040342 LINKCOM-PLCCS0040342 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLKBPHE010C701 LINKCOM-PLKBPHE010C701 Datasheet
248Kb / 2P
   AC Input 100-240Vac
logo
Wall Industries,Inc.
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com