Electronic Components Datasheet Search |
|
DTEM1036B2 Datasheet(PDF) 1 Page - Wall Industries,Inc. |
|
DTEM1036B2 Datasheet(HTML) 1 Page - Wall Industries,Inc. |
1 / 4 page Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 05/24/2012 603-778-2300 www.wallindustries.com Fax 603-778-9797 Page 1 of 4 DATASHEET Rev. A DTEM1036 SERIES 100~240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types 15~36 Watts, Single Outputs Medical AC/DC Desktop Power Supplies IEC-320-C14 IEC-320-C8 IEC-320-C6 FEATURES Single Outputs CEC/Energy Star Level IV Compliant RoHS & WEEE Compliant Short Circuit and Over Voltage Protection MTBF: > 30,000 Hours 100~240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connectors Available Dimensions: 3.86” x 1.77” x 1.22” UL60601-1 Medical Approvals Optional Output Connectors Available DESCRIPTION The DTEM1036 series of medical AC/DC desktop power supplies provides up to 36 Watts of continuous output power in a 3.86” x 1.77” x 1.22” package. This series consists of single output models with a wide input voltage range of 100~240VAC. The DTEM1036 series is RoHS, WEEE, and CEC/Energy Star Level IV compliant and has UL60601-1 medical approvals. These models are also protected against over voltage and short circuit conditions. This series has three AC inlet connector types available: IEC-320-C14, IEC-320-C8, and IEC-320-C6. Please call factory for ordering details. |
Similar Part No. - DTEM1036B2 |
|
Similar Description - DTEM1036B2 |