Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTEM1036B3 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DTEM1036B3
Description  100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTEM1036B3 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DTEM1036B3 Datasheet HTML 1Page - Wall Industries,Inc. DTEM1036B3 Datasheet HTML 2Page - Wall Industries,Inc. DTEM1036B3 Datasheet HTML 3Page - Wall Industries,Inc. DTEM1036B3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. A
DTEM1036 Series
C14, C8, & C6 Inlet Types
15~36 Watts, Single Outputs
Medical AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/24/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
MECHANICAL DRAWING
3.86±0.04 (98±1)
Unit: inches (mm)
IEC-320-C14
IEC-320-C8
IEC-320-C6
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - DTEM1036B3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1024 WALL-DTEM1024 Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Ax WALL-DTEM1024Ax Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Bx WALL-DTEM1024Bx Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Cx WALL-DTEM1024Cx Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1024Dx WALL-DTEM1024Dx Datasheet
189Kb / 3P
   16 - 36 Watts Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTEM1036B3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1090 WALL-DTEM1090 Datasheet
233Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1060 WALL-DTEM1060 Datasheet
432Kb / 4P
   100 - 240VAC Input Voltage Range C14 and C8 AC Inlet Connector Types
logo
LinkCom Manufacturing C...
PLKBPHE010C351 LINKCOM-PLKBPHE010C351 Datasheet
247Kb / 2P
   AC Input 100-240Vac
PLCCS0040142 LINKCOM-PLCCS0040142 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C351 LINKCOM-PLKBPHE005C351 Datasheet
262Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C701 LINKCOM-PLKBPHE005C701 Datasheet
242Kb / 2P
   AC Input 100-240Vac
PLCCS0040112 LINKCOM-PLCCS0040112 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLCCS0040342 LINKCOM-PLCCS0040342 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLKBPHE010C701 LINKCOM-PLKBPHE010C701 Datasheet
248Kb / 2P
   AC Input 100-240Vac
logo
Wall Industries,Inc.
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com