Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTEM10602A Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTEM10602A
Description  100 - 240VAC Input Voltage Range C14 and C8 AC Inlet Connector Types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTEM10602A Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTEM10602A Datasheet HTML 1Page - Wall Industries,Inc. DTEM10602A Datasheet HTML 2Page - Wall Industries,Inc. DTEM10602A Datasheet HTML 3Page - Wall Industries,Inc. DTEM10602A Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. C
DTEM1060 Series
C14 & C8 Inlet Types
42~55 Watts, Single Outputs
Medical AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Output Current
Model Number
(1)
Input Voltage Range
Output Voltage
(2)
Min
Max
Ripple & Noise
(3)
Maximum
Output Power
AC Inlet Type
DTEM10601A
13 ~ 17 VDC
0A
4.2A
250mVp-p
55W
DTEM10601B
18 ~ 24 VDC
0A
3A
350mVp-p
55W
DTEM10601C
12 ~ 17 VDC
0A
4.2A
250mVp-p
50W
DTEM10601D
18 ~ 24 VDC
0A
2.8A
350mVp-p
50W
DTEM10601E
12 ~ 17 VDC
0A
3.5A
250mVp-p
42W
DTEM10601F
100 ~ 240 VAC
18 ~ 24 VDC
0A
2.3A
350mVp-p
42W
IEC-320-C14
DTEM10602A
13 ~ 17 VDC
0A
4.2A
250mVp-p
55W
DTEM10602B
18 ~ 24 VDC
0A
3A
350mVp-p
55W
DTEM10602C
12 ~ 17 VDC
0A
4.2A
250mVp-p
50W
DTEM10602D
18 ~ 24 VDC
0A
2.8A
350mVp-p
50W
DTEM10602E
12 ~ 17 VDC
0A
3.5A
250mVp-p
42W
DTEM10602F
100 ~ 240 VAC
18 ~ 24 VDC
0A
2.3A
350mVp-p
42W
IEC-320-C8
NOTES
1. The number in red represents the type of AC inlet connector: “1” for IEC-320-C14 type and “2” for IEC-320-C8 type.
2. The output voltage is specified as a range (Ex: 18~24VDC); the customer must specify what they want the voltage set at.
3. Ripple and Noise is measured at nominal line and full load with 20MHz limited bandwidth and a 0.1µF ceramic and 47µF aluminum
capacitors in parallel on the output.
4. Optional output connectors are available. Please call factory for ordering details.
MECHANICAL DRAWING
4.72±0.04 (120±1)
Unit: inches (mm)
IEC-320-C14
IEC-320-C8


Similar Part No. - DTEM10602A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM10601 WALL-DTEM10601 Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
DTEM10601A WALL-DTEM10601A Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
DTEM10601B WALL-DTEM10601B Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
DTEM10601C WALL-DTEM10601C Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
DTEM10601D WALL-DTEM10601D Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
More results

Similar Description - DTEM10602A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1036 WALL-DTEM1036 Datasheet
265Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1090 WALL-DTEM1090 Datasheet
233Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
logo
LinkCom Manufacturing C...
PLKBPHE010C351 LINKCOM-PLKBPHE010C351 Datasheet
247Kb / 2P
   AC Input 100-240Vac
PLCCS0040142 LINKCOM-PLCCS0040142 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C351 LINKCOM-PLKBPHE005C351 Datasheet
262Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C701 LINKCOM-PLKBPHE005C701 Datasheet
242Kb / 2P
   AC Input 100-240Vac
PLCCS0040112 LINKCOM-PLCCS0040112 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLCCS0040342 LINKCOM-PLCCS0040342 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLKBPHE010C701 LINKCOM-PLKBPHE010C701 Datasheet
248Kb / 2P
   AC Input 100-240Vac
logo
Wall Industries,Inc.
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com