Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTMPU31-103 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTMPU31-103
Description  90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU31-103 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTMPU31-103 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU31-103 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU31-103 Datasheet HTML 3Page - Wall Industries,Inc. DTMPU31-103 Datasheet HTML 4Page - Wall Industries,Inc. DTMPU31-103 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. A
DTMPU31 SERIES
90~264VAC Input Voltage Range
Class I, Up to 30 Watts
Single, Dual, and Triple Outputs
3
rd Edition Medical Approvals
Medical AC/DC Desktop Power Supplies
FEATURES
 Class I
 RoHS Compliant
 UL 94V-1 Compliant
 Energy Star 2.0, Efficiency Level V
 IEC-320-C14 AC Inlet Connector
 100% Burn-in Tested
 Single, Dual, and Triple Outputs
 Up to 30 Watts Output Power
 Wide Input Voltage Range: 90~264VAC
 Over Voltage and Over Load Protection
 Meets FCC Part-18 Class B and CISPR-11 EN55011 Class B
Emission Limits
 ANSI/AAMI ES 60601-1:2005 (UL/cUL 3rd Edition) and
EN 60601-1:2006 (TUV/T-mark 3rd Edition) Safety Approvals
 Input to Output: 2MOPP
 Optional Output Connectors Available
DESCRIPTION
The DTMPU31 series of class I medical AC/DC desktop power supplies provides up to 30 Watts of continuous output power
in a 4.65” x 2.56” x 1.52” package. This series consists of single, dual, and triple output models with a 90~264VAC input
voltage range and an IEC-320-C14 AC inlet connector. These power supplies are protected against over voltage and over
load conditions and have been 100% burn-in tested. All units are UL 94V-1 and RoHS compliant and meet FCC Part-18
class B and CISPR-11 EN55011 class B emission limits. The DTMPU31 series also meets new CE requirements and has
ANSI/AAMI ES 60601-1:2005 (UL/cUL 3rd Edition) and EN 60601-1:2006 (TUV/T-mark 3rd Edition) safety approvals.
MEDICAL


Similar Part No. - DTMPU31-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU30-101 WALL-DTMPU30-101 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU30-102 WALL-DTMPU30-102 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU30-103 WALL-DTMPU30-103 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU30-104 WALL-DTMPU30-104 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
More results

Similar Description - DTMPU31-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU16 WALL-DTMPU16 Datasheet
290Kb / 5P
   90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
   90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
CAH WALL-CAH Datasheet
98Kb / 3P
   Single, Dual, and Triple Output Ultra Wide Input Voltage Range Up to 40 Watts DC/DC Converter
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
   Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
WMM24 WALL-WMM24 Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com