Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTMPU16B-104 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTMPU16B-104
Description  90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU16B-104 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTMPU16B-104 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU16B-104 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU16B-104 Datasheet HTML 3Page - Wall Industries,Inc. DTMPU16B-104 Datasheet HTML 4Page - Wall Industries,Inc. DTMPU16B-104 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A
DTMPU16 Series
Class I & II, Single Outputs
3
rd Edition Medical Approvals
15W AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/22/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: DTMPU16 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
90
264
Operating Voltage Range
Safety Approvals Input Voltage Range
100
240
VAC
Input Frequency
47
63
Hz
Low Line
Io = Full Load, Vin = 115VAC
0.25
0.33
A
Input Current
High Line
Io = Full Load, Vin = 230VAC
0.17
0.18
A
Low Line
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
18
23
A
Inrush Current
High Line
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
38
45
A
No Load Power Consumption
No Load, Vin = 230VAC
0
0.25
0.3
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Load Regulation
Vin = 230VAC
1
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90 to 264VAC
0
15
W
Output Current Range
See Table
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
10
16
ms
Start-Up Time
Io = Full Load, Vin = 100VAC
0.5
1
s
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Over Temperature Detection (See Note 1)
The parameter is not subject to production test-verified by
design/characterization of integrated controller
-20
125
°C
GENERAL SPECIFICATIONS
Efficiency
Io = Full Load, Vin = 230VAC
73
85
%
Primary to Secondary
A, B, and C types
5656
Dielectric Withstanding Voltage
Primary to Ground
A and C types
2828
VDC
Isolation Resistance
Test Voltage = 500VDC
A and C types
50
MΩ
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.3
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
0
50
70
°C
Storage Temperature
-40
85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
MTBF
Operating Temp. at 25°C; calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL SPECIFICATIONS
Weight
A, B, and C types
Approx. 6oz (170g)
A type
4.11 x 1.65 x 1.22 inches
(104.4 x 42.0 x 31.0 mm)
Dimensions (L x W x H)
B and C types
3.90 x 1.65 x 1.22 inches
(99.0 x 42.0 x 31.0 mm)
A Type
IEC-320-C14
B Type
IEC-320-C8
AC Inlets
C Type
IEC-320-C6
SAFETY
Safety Approvals
ANSI/AAMI ES 60601-1:2005 (UL/cUL: 3
rd Ed.), EN 60601-1:2006 (TUV/T-mark: 3rd Ed.), CE
EMI Requirements for EN55022
Vin = 230VAC, 50Hz
B
Class
EMI Requirements for FCC PART-18
Vin = 120VAC, 60Hz
B
Class


Similar Part No. - DTMPU16B-104

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-102 WALL-DTMPU101-102 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-103 WALL-DTMPU101-103 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-104 WALL-DTMPU101-104 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-105 WALL-DTMPU101-105 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTMPU16B-104

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
   90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
DTEM1070 WALL-DTEM1070 Datasheet
287Kb / 4P
   100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com