Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV12S12-200 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LV12S12-200
Description  200 Watt Half-Brick DC - DC Power Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LV12S12-200 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LV12S12-200 Datasheet HTML 1Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 2Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 3Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 4Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 5Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 6Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 7Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 8Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Wall Industries, Inc.
Advanced Publication
LV200 SERIES
200 Watt Half-Brick DC/DC Power Converters
07/11/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 12
FEATURES
Soft-Start
200 Watts Output Power
Under Voltage Lockout
No Minimum Load Requirements
Remote ON/OFF Control
High Efficiency
Fixed Switching Frequency
Cost Efficient Solution
Fast Transient Response
Made in the USA
100% Burn-in
4:1 Ultra Wide Input Voltage Range: 9~36VDC
Industry Standard Half-Brick Footprint
Remote Sense Compensation to 10% Vout
Single Outputs Ranging from 3.3VDC to 48VDC
1500VDC I/O Isolation
Threaded Inserts & Thru-Hole Inserts Available
Short Circuit, Over Voltage, Over Current, and Over
Temperature Protection
UL60950-1, EN60950-1, IEC60950-1, & EN50155
Safety Approvals
Heat Sink and Chassis Mount Options Available
APPLICATIONS
Telecommunications Equipment
Network (LANs/WANs) Equipment
Next Generation Low Voltage, High
Current Microprocessors and ICs
For Use in 12V and 24V Battery Applications
For Use in Intermediate and Distributed Bus
Architectures (IBA)
Military Applications
DESCRIPTION
Standard Models
Size: 2.40x 2.28 x 0.50 inches
Chassis Mount Models (Prefix “CM”)
Size: 5.70 x 3.40 x 1.10 inches
Options:
Heatsink
Thru-Hole Inserts
Chassis Mount
Active Low Remote ON/OFF Control
The LV200 is a high density, low input voltage, isolated converter with a 4:1 ultra wide input voltage
range. Low input voltage converters are uncommon in the industry and the LV200 series offers the
flexibility of operation with both 12V and 24V busses. This state-of-the-art converter's features
include fast transient response, short circuit protection, over current protection, soft start, and many
other features that are required for today's demanding applications.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load
Max Load
No Load Input Current Ripple & Noise
Output Power
Efficiency
LV12S3.3-200
3.3 VDC
0mA
60.6A
200W
LV12S05-200
5 VDC
0mA
40A
200W
LV12S12-200
12 VDC
0mA
16.67A
200W
LV12S15-200
15 VDC
0mA
13.33A
200W
LV12S24-200
24 VDC
0mA
8.33A
200W
LV12S28-200
28 VDC
0mA
7.14A
200W
LV12S48-200
12/24 VDC
(9 - 36 VDC)
48 VDC
0mA
4.17A
TBD
TBD
200W
TBD
NOTES
1. The LV200 series converters may be paralleled both for redundancy and for higher output current. See page 11 for more details.
2. Maximum output deviation is +10% inclusive of remote sense and trim. If remote sense is not being used the +SENSE should be connected to its
corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
3. Output voltage is adjustable for 10% trim up or -10% trim down of nominal output voltage by connecting a single resistor between Trim and +Rs
pins for trim up or between Trim and -Rs pins for trim down. To calculate the value of the resistor RU and RD for a particular output voltage see
page 9.
4. This series comes with several different options: active low remote on/off control, heatsinks, chassis mount, and thru-hole inserts. See the “Model
Number Setup” table on page 12 for more ordering information.


Similar Part No. - LV12S12-200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LV12S12-100 WALL-LV12S12-100 Datasheet
266Kb / 4P
   50-200 Watts
LV12S12-120 WALL-LV12S12-120 Datasheet
266Kb / 4P
   50-200 Watts
LV12S12-150 WALL-LV12S12-150 Datasheet
532Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package
LV12S12-150 WALL-LV12S12-150 Datasheet
266Kb / 4P
   50-200 Watts
More results

Similar Description - LV12S12-200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
List of Unclassifed Man...
BCP75W ETC-BCP75W Datasheet
395Kb / 12P
   5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com