Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSHBU58-107 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSHBU58-107
Description  60 Watts AC - DC Medical Open Frame Power Supplies Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHBU58-107 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSHBU58-107 Datasheet HTML 1Page - Wall Industries,Inc. PSHBU58-107 Datasheet HTML 2Page - Wall Industries,Inc. PSHBU58-107 Datasheet HTML 3Page - Wall Industries,Inc. PSHBU58-107 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev A
PSHBU58 SERIES
60 Watts
AC/DC Medical Open Frame Power Supplies
Single Output
11/10/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size: 4in x 1.50in x 1.04in (101.6mm x 38.1mm x 26.5mm)
FEATURES
Wide Operating Input Voltage of 80~275VAC
Single Outputs
Over Voltage, Over Load, and Short Circuit Protection
Protection Class I
Cooling by Free Air Convection
High Efficiency up to 90%
Output Power Up to 60 Watts
Support Risk Management Process
Input to Output: 2MOPP
High ESD Immunity
IEC60601-1 Edition 3.1, ES60601-1:2005(R2012), CSAC22.2
NO.60601-1:14, and EN60601-1:2006/A1:2013 Safety Approvals
APPLICATIONS
DESCRIPTION
Breathing Therapy Devices
Blood Pressure Systems
Portable Medical Device
ECG ` EEG
Medical Tablets
The PSHBU58 series of AC/DC medical open frame power supplies provide up to 60 watts of continuous
output power. This series consists of single output models with a wide operating input voltage range of
80~275VAC and output voltages ranging from 5VDC to 55VDC. Each model is protected against short
circuit, over voltage and over load conditions and have IEC60601-1 Edition 3.1, ES60601-1:2005(R2012),
CSAC22.2 NO.6060-1-1:14, and EN60601-1:2006/A1:2013 safety approvals.
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Setting Voltage
Range(1)
Output Current
Ripple &
Noise(6)
No Load
Consumption
Output
Power
Total Regulation
Efficiency(8)
Min Load
Max Load
PSHBU58-102
80~275VAC
5~6VDC
5.50A
6.60A
100mVp-p
0.5W
33W
±5%
80%
PSHBU58-103
6~8VDC
5A
6.66A
100mVp-p
0.5W
40W
±5%
82%
PSHBU58-104
8~11VDC
4.54A
6.25A
100mVp-p
0.5W
50W
±5%
86%
PSHBU58-105
11~13VDC
4.61A
5.45A
100mVp-p
0.5W
60W
±5%
87%
PSHBU58-106
13~16VDC
3.75A
4.67A
100mVp-p
0.5W
60W
±5%
87%
PSHBU58-107
16~21VDC
2.85A
3.75A
100mVp-p
0.5W
60W
±5%
87%
PSHBU58-108
21~27VDC
2.22A
2.85A
100mVp-p
0.5W
60W
±3%
88%
PSHBU58-109
27~33VDC
1.81A
2.22A
100mVp-p
0.5W
60W
±3%
88%
PSHBU58-110
33~40VDC
1.50A
1.81A
100mVp-p
0.5W
60W
±3%
89%
PSHBU58-111
40~50VDC
1.20A
1.50A
100mVp-p
0.5W
60W
±3%
90%
PSHBU58-112
50~55VDC
1.09A
1.20A
100mVp-p
0.5W
60W
±3%
90%


Similar Part No. - PSHBU58-107

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PSHBU58-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM WALL-PSM Datasheet
137Kb / 2P
   Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
HITRON ELECTRONICS CORP...
HMI40 HITRON-HMI40 Datasheet
113Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 40 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI43 HITRON-HMI43 Datasheet
156Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI63 HITRON-HMI63 Datasheet
144Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
logo
HITRON ELECTRONICS CORP...
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP250 HITRON-HIMP250 Datasheet
120Kb / 2P
   HARMONIC CORRECTION(PFC) AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 250 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
MicroPower Direct, LLC
MPO-25S MPD-MPO-25S Datasheet
228Kb / 2P
   Single Output, 25W Compact, Open Frame AC/DC Power Supplies
MPO-120S MPD-MPO-120S Datasheet
2Mb / 5P
   Single Output, 180W Compact, Open Frame AC/DC Power Supplies
MPG-120S MPD-MPG-120S Datasheet
354Kb / 2P
   Single Output, 120W Green, Open Frame AC/DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com