Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSHBU58-111 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSHBU58-111
Description  60 Watts AC - DC Medical Open Frame Power Supplies Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHBU58-111 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSHBU58-111 Datasheet HTML 1Page - Wall Industries,Inc. PSHBU58-111 Datasheet HTML 2Page - Wall Industries,Inc. PSHBU58-111 Datasheet HTML 3Page - Wall Industries,Inc. PSHBU58-111 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev A
PSHBU58 SERIES
60 Watts
AC/DC Medical Open Frame Power Supplies
Single Output
11/10/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Safety Approval Input Voltage Range
Safety Approval & Specification in Label
100
240
VAC
Input Operate Voltage Range
Derate linearly from 100% load at 90VAC to 80% load at 80VAC)
80
275
VAC
Input Frequency
Sine Wave
47
63
Hz
Input Current
Low Line
Full Load, Vin=100VAC
1.2
A
High Line
Full Load, Vin=240VAC
0.6
Inrush Current
Low Line
Full Load, 25ºC, Cool Start, Vin=100VAC
30
A
High Line
Full Load, 25ºC, Cool Start, Vin=100VAC
60
Safety Ground Leakage Current
Vin=240VAC, Fi=60Hz
0.25
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation(4)
Full Load, Vin=100~120VAC or 200~240VAC
1
%
Total Regulation
PSHBU58-102 – PSHBU58-107
±5
%
PSHBU58-108 – PSHBU58-112
±3
Output Power
60
W
Output Current
See Table
Ripple & Noise
See Table
Transient Response Time
Full Load, Vin=110VAC
4
ms
Start-Up Time
Full Load, Vin=100~240VAC
0.25
0.5
S
Hold-Up Time(7)
Full Load, Vin=100VAC
12
ms
Temperature Coefficient
All Conditions
±0.04
%/ºC
PROTECTION
Short Circuit Protection
Automatic Recovery
Over Load Protection
Recovers automatically after fault condition is removed
110
150
%
Over Voltage Protection
Crowbar Mode
110
275
%
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derate linearly from 100% load at 40ºC to 50% load at 70ºC
-10
70
ºC
Storage Temperature
10~95% RH
-40
85
ºC
Operating Humidity
Non-Condensing
0
95
% RH
Storage Humidity
0
95
% RH
Electro Static Discharge
Air Discharge, IEC61000-4-2
Contact Discharge, IEC61000-4-2
Operating Altitude
All Condition
3000
M
Vibration
10~500Hz, 10min./1cycle, 60min. each along X, Y, Z axes
5
G
Cooling
Free Air Convection
Flammability Rating
UL94V-1
Surge Voltage
Line-Neutral
1
kV
Line-PE & Neutral PE
2
MTBF
Operating Temperature at 25ºC, Calculated per MIL-HDBK-217F
100k
h
GENERAL SPECIFICATIONS
Efficiency
Full Load, Vin=230VAC
See Table
Insulation Resistance
50
M
Ω
Dielectric Withstanding Voltage
Primary to Secondary, limit current <10mA
4000
VAC
Primary to PE, limit current <10mA
1500
PHYSICAL SPECIFICATIONS
Weight
4.94oz (140g)
Dimensions (L x W x H)
4.00in x 1.50in x 1.04in
(101.6mm x 38.1mm x 26.5mm)
SAFETY
Safety Approvals
IEC60601-1 Edition 3.1
ES60601-1: 2005 (R1012)
CSAC22.2 NO.60601-1:14
EN60601-1:2006/A1:2013
EMC Emission
Compliance to EN55011 (CISPR11), EN60601-1-2
Class B
Protection Classes
Class I


Similar Part No. - PSHBU58-111

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PSHBU58-111

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM WALL-PSM Datasheet
137Kb / 2P
   Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
HITRON ELECTRONICS CORP...
HMI40 HITRON-HMI40 Datasheet
113Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 40 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI43 HITRON-HMI43 Datasheet
156Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI63 HITRON-HMI63 Datasheet
144Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
logo
HITRON ELECTRONICS CORP...
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP250 HITRON-HIMP250 Datasheet
120Kb / 2P
   HARMONIC CORRECTION(PFC) AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 250 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
MicroPower Direct, LLC
MPO-25S MPD-MPO-25S Datasheet
228Kb / 2P
   Single Output, 25W Compact, Open Frame AC/DC Power Supplies
MPO-120S MPD-MPO-120S Datasheet
2Mb / 5P
   Single Output, 180W Compact, Open Frame AC/DC Power Supplies
MPG-120S MPD-MPG-120S Datasheet
354Kb / 2P
   Single Output, 120W Green, Open Frame AC/DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com