Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSME-20-12 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSME-20-12
Description  85 - 264VAC (125 - 373VDC) Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSME-20-12 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSME-20-12 Datasheet HTML 1Page - Wall Industries,Inc. PSME-20-12 Datasheet HTML 2Page - Wall Industries,Inc. PSME-20-12 Datasheet HTML 3Page - Wall Industries,Inc. PSME-20-12 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. A
PSME20 Series
Single Outputs, Isolation Class II
20 Watts, Encapsulated PCB Mount
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/05/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
MECHANICAL DRAWING
BOTTOM
VIEW
-V
+V
N.C.
AC/N
AC/L
N.C.
3.7 (94)
3.252 (82.6)
0.224
(5.7)
0.138 (3.7)
0.041 (1.05)
Unit: inches (mm)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers
will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just
one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with
its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - PSME-20-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSME-05-05 WALL-PSME-05-05 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-05-12 WALL-PSME-05-12 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-05-15 WALL-PSME-05-15 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-05-24 WALL-PSME-05-24 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-05 WALL-PSME-10-05 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
More results

Similar Description - PSME-20-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP15 WALL-PSMP15 Datasheet
204Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME15 WALL-PSME15 Datasheet
182Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
   Universal input: 85 to 264VAC
logo
Bel Fuse Inc.
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
   Universal input voltage range (85 ??305 VAC)
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
logo
Bel Fuse Inc.
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
   Universal input voltage range (85 ??305 VAC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com