Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMHPU12A-108 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMHPU12A-108
Description  90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMHPU12A-108 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMHPU12A-108 Datasheet HTML 1Page - Wall Industries,Inc. WMHPU12A-108 Datasheet HTML 2Page - Wall Industries,Inc. WMHPU12A-108 Datasheet HTML 3Page - Wall Industries,Inc. WMHPU12A-108 Datasheet HTML 4Page - Wall Industries,Inc. WMHPU12A-108 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
07/18/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. A
WMHPU12 SERIES
90~264VAC Input Voltage Range
12 Watt, Single Outputs
Class II Limited Power Source
US, UK, and EU Plugs
Medical AC/DC Wall Mount Power Supplies
FEATURES
• Class II Limited Power Source
• RoHS Compliant
• Energy Star 2.0, Efficiency Level V Compliant
• Single Output
• Wide Input Voltage Range: 90~264VAC, 47~63Hz
• Optional Output Connectors
• Over Load and Over Temperature Protection
• US, UK, and EU Types Available
• US Plug Medical Approvals: UL/cUL 60601-1: 2nd Edition
and TUV/T-mark EN60601-1:2
nd Edition
• UK and EU Plug Medical Approvals: TUV/T-mark
EN60601-1: 2
nd Edition
• Meets FCC Part-18 Class B and CISPR-11 EN55011 Class
B Emission Limits
DESCRIPTION
The WMHPU12 series of Class II medical AC/DC wall mount power supplies provides up to 12 Watts of continuous output
power. This series consists of single output models from 5VDC to 27VDC with a 90~264VAC input voltage range. These
supplies also have over load and over temperature protection. This series has UL/cUL 60601-1: 2
nd Edition (US plug type
only) and TUV/T-mark EN60601-1: 2
nd Edition (US, UK, and EU types) medical approvals. All supplies are RoHS and
Energy Star 2.0, Efficiency Level V compliant. These supplies also meet new CE requirements and are well suited for use in
health care applications. The WMHPU12 series has three types of plugs available: US (A Type), UK (B Type), and EU (C
Type). Optional output connectors are also available. Please call factory for ordering details.
US Type
UK Type
EU Type
MEDICAL


Similar Description - WMHPU12A-108

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
   90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU16 WALL-DTMPU16 Datasheet
290Kb / 5P
   90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com