Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMIPEM1036BU Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # WMIPEM1036BU
Description  15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMIPEM1036BU Datasheet(HTML) 4 Page - Wall Industries,Inc.

  WMIPEM1036BU Datasheet HTML 1Page - Wall Industries,Inc. WMIPEM1036BU Datasheet HTML 2Page - Wall Industries,Inc. WMIPEM1036BU Datasheet HTML 3Page - Wall Industries,Inc. WMIPEM1036BU Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. A
WMIPEM1036 Series
15~36 Watts, Single Outputs
US, UK, EU, & AUS Interchangeable Plugs
Medical AC/DC Wall Mount Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/02/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
MECHANICAL DRAWING
Unit: inches (mm)
1.51±0.04 (38.3±1)
H: 1.10±0.04 (28±1)
1.96±0.04 (49.8±1)
H: 1.29±0.04 (32.8±1)
3.88±0.04 (98.5±1)
H: 0.75±0.04 (19±1)
H: 0.40±0.04 (10.2±1)
1.50±0.04 (38±1)
1.62±0.04 (41.2±1)
H: 0.40±0.04 (10.2±1)
EU Type
AUS Type
US Type
UK Type
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - WMIPEM1036BU

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMIPEM1024 WALL-WMIPEM1024 Datasheet
261Kb / 3P
   16 - 36 Watts, Medical AC - DC Wall Mount Power
WMIPEM1024Ax WALL-WMIPEM1024Ax Datasheet
261Kb / 3P
   16 - 36 Watts, Medical AC - DC Wall Mount Power
WMIPEM1024Bx WALL-WMIPEM1024Bx Datasheet
261Kb / 3P
   16 - 36 Watts, Medical AC - DC Wall Mount Power
WMIPEM1024Cx WALL-WMIPEM1024Cx Datasheet
261Kb / 3P
   16 - 36 Watts, Medical AC - DC Wall Mount Power
WMIPEM1024Dx WALL-WMIPEM1024Dx Datasheet
261Kb / 3P
   16 - 36 Watts, Medical AC - DC Wall Mount Power
More results

Similar Description - WMIPEM1036BU

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1070 WALL-DTEM1070 Datasheet
287Kb / 4P
   100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
logo
ELATEC GmbH
PWA-EU3 ELATEC-PWA-EU3 Datasheet
340Kb / 3P
   POWER SUPPLIES AC POWER WALL ADAPTERS EU/JP/UK/US
11/2021
logo
Wall Industries,Inc.
DTEM1060 WALL-DTEM1060 Datasheet
432Kb / 4P
   100 - 240VAC Input Voltage Range C14 and C8 AC Inlet Connector Types
logo
FSP TECHNOLOGY INC.
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
   Interchangeable AC plugs
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP030-RCAM FSP-FSP030-RCAM Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP025-RAAM FSP-FSP025-RAAM Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP015-RCDM-NP FSP-FSP015-RCDM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP015-RFMM FSP-FSP015-RFMM Datasheet
83Kb / 1P
   Interchangeable AC plugs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com