Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMM15-1Y05KU Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # WMM15-1Y05KU
Description  90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMM15-1Y05KU Datasheet(HTML) 3 Page - Wall Industries,Inc.

  WMM15-1Y05KU Datasheet HTML 1Page - Wall Industries,Inc. WMM15-1Y05KU Datasheet HTML 2Page - Wall Industries,Inc. WMM15-1Y05KU Datasheet HTML 3Page - Wall Industries,Inc. WMM15-1Y05KU Datasheet HTML 4Page - Wall Industries,Inc. WMM15-1Y05KU Datasheet HTML 5Page - Wall Industries,Inc. WMM15-1Y05KU Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. B
WMM24 Series
Single Output, Up to 24 Watts
Medical AC/DC Power Supplies
Wall Mount with Interchangeable Plugs
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
MODEL SELECTION TABLE
Model Number
Input
Voltage Range
Output
Voltage
Output
Current
Ripple & Noise
(1)
Output
Regulation
Output
Power
AC Plug
Type
WMM15-1Y05KU
5 VDC
3A
50mVp-p
+5% / -3%
15W
US
WMM24-1Y09KU
9 VDC
2.67A
90mVp-p
+5% / -3%
24W
US
WMM24-1Y12KU
12 VDC
2A
120mVp-p
+5% / -3%
24W
US
WMM24-1Y16KU
16 VDC
1.5A
160mVp-p
+5% / -3%
24W
US
WMM24-1Y18KU
18 VDC
1.34A
180mVp-p
+5% / -3%
24W
US
WMM24-1Y24KU
24 VDC
1A
240mVp-p
+5% / -3%
24W
US
WMM24-1Y36KU
36 VDC
0.67A
360mVp-p
+5% / -3%
24W
US
WMM24-1Y48KU
90 ~ 264 VAC
48 VDC
0.5A
480mVp-p
+5% / -3%
24W
US
WMM15-1Y05KE
5 VDC
3A
50mVp-p
+5% / -3%
15W
EU
WMM24-1Y09KE
9 VDC
2.67A
90mVp-p
+5% / -3%
24W
EU
WMM24-1Y12KE
12 VDC
2A
120mVp-p
+5% / -3%
24W
EU
WMM24-1Y16KE
16 VDC
1.5A
160mVp-p
+5% / -3%
24W
EU
WMM24-1Y18KE
18 VDC
1.34A
180mVp-p
+5% / -3%
24W
EU
WMM24-1Y24KE
24 VDC
1A
240mVp-p
+5% / -3%
24W
EU
WMM24-1Y36KE
36 VDC
0.67A
360mVp-p
+5% / -3%
24W
EU
WMM24-1Y48KE
90 ~ 264 VAC
48 VDC
0.5A
480mVp-p
+5% / -3%
24W
EU
WMM15-1Y05KA
5 VDC
3A
50mVp-p
+5% / -3%
15W
AUS
WMM24-1Y09KA
9 VDC
2.67A
90mVp-p
+5% / -3%
24W
AUS
WMM24-1Y12KA
12 VDC
2A
120mVp-p
+5% / -3%
24W
AUS
WMM24-1Y16KA
16 VDC
1.5A
160mVp-p
+5% / -3%
24W
AUS
WMM24-1Y18KA
18 VDC
1.34A
180mVp-p
+5% / -3%
24W
AUS
WMM24-1Y24KA
24 VDC
1A
240mVp-p
+5% / -3%
24W
AUS
WMM24-1Y36KA
36 VDC
0.67A
360mVp-p
+5% / -3%
24W
AUS
WMM24-1Y48KA
90 ~ 264 VAC
48 VDC
0.5A
480mVp-p
+5% / -3%
24W
AUS
WMM15-1Y05KK
5 VDC
3A
50mVp-p
+5% / -3%
15W
UK
WMM24-1Y09KK
9 VDC
2.67A
90mVp-p
+5% / -3%
24W
UK
WMM24-1Y12KK
12 VDC
2A
120mVp-p
+5% / -3%
24W
UK
WMM24-1Y16KK
16 VDC
1.5A
160mVp-p
+5% / -3%
24W
UK
WMM24-1Y18KK
18 VDC
1.34A
180mVp-p
+5% / -3%
24W
UK
WMM24-1Y24KK
24 VDC
1A
240mVp-p
+5% / -3%
24W
UK
WMM24-1Y36KK
36 VDC
0.67A
360mVp-p
+5% / -3%
24W
UK
WMM24-1Y48KK
90 ~ 264 VAC
48 VDC
0.5A
480mVp-p
+5% / -3%
24W
UK
NOTES
1. Ripple and Noise is measured at 20MHz bandwidth with a tantalum 10µF in parallel with a 0.1µF ceramic capacitor.
2. Suffix Options: United States (US) = U; Europe (EU) = E; Australia (AUS) = A; and United Kingdom (UK) = K.
3. Individual interchangeable AC plugs are available for purchase. Please contact factory for ordering details.


Similar Part No. - WMM15-1Y05KU

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WMM12-12SX-A ETA-USA-WMM12-12SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
More results

Similar Description - WMM15-1Y05KU

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
logo
Qualtek Electronics Cor...
QAWA-24 QUALTEK-QAWA-24 Datasheet
373Kb / 2P
   24 Watts Single Output Wall Mount
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-36 QUALTEK-QFWB-36 Datasheet
246Kb / 2P
   36 Watts Single Output Wall Mount
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
QAWA-30 QUALTEK-QAWA-30 Datasheet
304Kb / 2P
   30/36 Watts Single Output Wall Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com