Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMM24-1Y16KE Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMM24-1Y16KE
Description  90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMM24-1Y16KE Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMM24-1Y16KE Datasheet HTML 1Page - Wall Industries,Inc. WMM24-1Y16KE Datasheet HTML 2Page - Wall Industries,Inc. WMM24-1Y16KE Datasheet HTML 3Page - Wall Industries,Inc. WMM24-1Y16KE Datasheet HTML 4Page - Wall Industries,Inc. WMM24-1Y16KE Datasheet HTML 5Page - Wall Industries,Inc. WMM24-1Y16KE Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. B
WMM24 Series
Single Output, Up to 24 Watts
Medical AC/DC Power Supplies
Wall Mount with Interchangeable Plugs
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
SPECIFICATIONS: WMM24 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC (Full Range)
Input Frequency
47 ~ 63Hz
Input Current (rms)
0.7A at 90VAC max.
0.35A at 264VAC max.
No Load Power Consumption
< 300mW
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Voltage Regulation
+5% / -3%
Output Power
See Table
Ripple & Noise (See Note 1)
±1%
Hold Up Time
> 10ms typical at full load and 115VAC
PROTECTION
Short Circuit Protection
Auto-recovery
Over Voltage Protection
Latch, AC recycle
Over Load Protection
Auto-recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-20°C to +40°C
Storage Temperature
-20°C to +85°C
Humidity
20% to 90%
MTBF
> 150,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
US Type: 3.13 x 1.97 x 2.06 inches (79.5 x 50.0 x 52.4 mm)
EU Type: 3.13 x 1.97 x 2.84 inches (79.5 x 50.0 x 72.1 mm)
AUS Type: 3.13 x 1.97 x 2.47 inches (79.5 x 50.0 x 62.8 mm)
UK Type: 3.13 x 1.97 x 2.44 inches (79.5 x 50.0 x 62.1 mm)
Net Weight
5.64oz (160g) max.
AC Plug (See Notes 2 & 3)
US, EU, AUS, and UK types available
SAFETY & EMI
Safety Standards
UL 60601-1, CSA-C22.2 NO.601.1-M90, NEMKO EN60601-1, CB IEC60601-1
EMI Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE
All models meet CEC, ERP, EISA, and Energy Star Level V requirements
All models meet UL 1310 NEC Class 2 requirements


Similar Part No. - WMM24-1Y16KE

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
WMM12-12SX-A ETA-USA-WMM12-12SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
TDK Electronics
WMM30CN050 TDK-WMM30CN050 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
WMM30CN090 TDK-WMM30CN090 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
WMM30CN120 TDK-WMM30CN120 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
More results

Similar Description - WMM24-1Y16KE

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
logo
Qualtek Electronics Cor...
QAWA-24 QUALTEK-QAWA-24 Datasheet
373Kb / 2P
   24 Watts Single Output Wall Mount
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-36 QUALTEK-QFWB-36 Datasheet
246Kb / 2P
   36 Watts Single Output Wall Mount
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
QAWA-30 QUALTEK-QAWA-30 Datasheet
304Kb / 2P
   30/36 Watts Single Output Wall Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com