Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMMPU12B-104 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # WMMPU12B-104
Description  90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMMPU12B-104 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  WMMPU12B-104 Datasheet HTML 1Page - Wall Industries,Inc. WMMPU12B-104 Datasheet HTML 2Page - Wall Industries,Inc. WMMPU12B-104 Datasheet HTML 3Page - Wall Industries,Inc. WMMPU12B-104 Datasheet HTML 4Page - Wall Industries,Inc. WMMPU12B-104 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. E
WMMPU12 Series
Medical Approvals
US, UK, and EU Plugs
12 Watt, Single Outputs
Class II AC/DC Wall Mount Power Supplies
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
11/03/2014
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 5
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - WMMPU12B-104

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
WMM12-12SX-A ETA-USA-WMM12-12SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
Wall Industries,Inc.
WMM15-1Y05KE WALL-WMM15-1Y05KE Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM15-1Y05KU WALL-WMM15-1Y05KU Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM24 WALL-WMM24 Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
More results

Similar Description - WMMPU12B-104

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU16 WALL-DTMPU16 Datasheet
290Kb / 5P
   90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com