Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF005S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # DF005S
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

DF005S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  DF005S_15 Datasheet HTML 1Page - GOOD-ARK Electronics DF005S_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
424
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted)
S
0
1
F
D
u
r
h
t
S
5
0
0
F
D
s
r
e
i
f
i
t
c
e
R
e
g
d
i
r
B
t
n
u
o
M
e
c
a
f
r
u
S
e
s
a
h
P
-
e
l
g
n
i
S
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
e
r
u
t
a
i
n
i
M
e
r
e
p
m
A
0
.
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
S
5
0
0
F
D
1
0
1
S
B
D
S
1
0
F
D
2
0
1
S
B
D
S
2
0
F
D
3
0
1
S
B
D
S
4
0
F
D
4
0
1
S
B
D
S
6
0
F
D
5
0
1
S
B
D
S
8
0
F
D
6
0
1
S
B
D
S
0
1
F
D
7
0
1
S
B
D
s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
t
u
p
t
u
o
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
t
a
A
0
4
=
o
)
2
e
t
o
N
(
C
I
)
V
A
(
F
0
.
1p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s)
I
M
S
F
0
.
0
3s
p
m
A
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
RI2t0
1A2
c
e
s
A
5
.
0
t
a
g
e
l
r
e
p
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
1
.
1s
t
l
o
V
T
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
g
e
l
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
A
5
2
1
=
oC
I
R
0
.
5
0
0
5
uA
)
1
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
5
2
pF
)
2
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
0
4
5
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Units mounted on P.C.B. with 0.51 x 0.51" (13 x 13mm) copper pads
a
t
a
D
l
a
c
i
n
a
h
c
e
M
Ideal for printed circuit boards
Applicable for automative insertion
High surge current capability
Solder Dip 260 oC, 40 seconds
Case: DFS
Epoxy meets UL-94V-0 Flammability rating
Terminals: Matte tin plated (E3 Suffix) leads, solderable per
J-STD-002B and JESD22-B102D
Polarity: As marked on body
General purpose use in ac-to-dc bridge full wave rectification for
SMPS, Lighting Ballaster, Adapter, Battery Charger, Home
Appliances, Office Equipment, and Telecommunication applications
Typical Applications


Similar Part No. - DF005S_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF005S DIODES-DF005S_15 Datasheet
142Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Marl International Limi...
DF005S MARL-DF005S_15 Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
More results

Similar Description - DF005S_15

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
DF005S FS-DF005S Datasheet
209Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
GOOD-ARK Electronics
DF005S GOOD-ARK-DF005S Datasheet
169Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
DF005 GOOD-ARK-DF005_15 Datasheet
162Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
GN1A GOOD-ARK-GN1A_15 Datasheet
201Kb / 2P
   Surface Mount Glass Passivated Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
DB101S-DB107S KINGTRONICS-DB101S-DB107S_16 Datasheet
369Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
GOOD-ARK Electronics
MB2S GOOD-ARK-MB2S Datasheet
146Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Kingtronics Internation...
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
GBPC50005-GBPC5010 KINGTRONICS-GBPC50005-GBPC5010 Datasheet
367Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
GOOD-ARK Electronics
1N4001G GOOD-ARK-1N4001G_15 Datasheet
184Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com