Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # BSS138
Description  50V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BSS138 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BSS138_15 Datasheet HTML 1Page - GOOD-ARK Electronics BSS138_15 Datasheet HTML 2Page - GOOD-ARK Electronics BSS138_15 Datasheet HTML 3Page - GOOD-ARK Electronics BSS138_15 Datasheet HTML 4Page - GOOD-ARK Electronics BSS138_15 Datasheet HTML 5Page - GOOD-ARK Electronics BSS138_15 Datasheet HTML 6Page - GOOD-ARK Electronics BSS138_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.goodark.com
Page 1 of 7
Rev.2.2
BSS138
50V N-Channel MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
S138
BSS138
SOT-23
Ø180mm
8 mm
3000 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
50
V
Gate-Source Voltage
VGS
±20
V
ID
0.22
ID(70℃)
0.18
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
0.88
A
Maximum Power Dissipation
PD
0.43
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
350
/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
GENERAL FEATURES
● VDS = 50V,ID = 0.22A
RDS(ON) < 6Ω @ VGS=4.5V
RDS(ON) < 3.5Ω @ VGS=10V
ESD Rating:1000V HBM
● High Power and current handing capability
● Lead free product
● Surface Mount Package
Schematic Diagram
Marking and Pin Assignment
SOT-23 Top View
APPLICATIONS
●Direct Logic-Level Interface: TTL/CMOS
●Drivers: Relays, Solenoids, Lamps, Hammers,
Display, Memories, Transistors, etc.
●Battery Operated Systems
●Solid-State Relays


Similar Part No. - BSS138_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS138 DIODES-BSS138_15 Datasheet
311Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
logo
Unisonic Technologies
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results

Similar Description - BSS138_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AF15N50 DIODES-AF15N50 Datasheet
252Kb / 9P
   50V N-Channel MOSFET
logo
GOOD-ARK Electronics
BSS138 GOOD-ARK-BSS138 Datasheet
839Kb / 7P
   50V N-Channel MOSFET
logo
Unisonic Technologies
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
   100A, 50V N-CHANNEL POWER MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
   POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
logo
KIA Semiconductor Techn...
65R300 KIA-65R300 Datasheet
380Kb / 6P
   15A竊?50V N-CHANNEL MOSFET
logo
Diodes Incorporated
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
logo
Unisonic Technologies
60N05 UTC-60N05 Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com