Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA90 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SA90
Description  5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SA90 Datasheet(HTML) 3 Page - Microsemi Corporation

  SA90 Datasheet HTML 1Page - Microsemi Corporation SA90 Datasheet HTML 2Page - Microsemi Corporation SA90 Datasheet HTML 3Page - Microsemi Corporation SA90 Datasheet HTML 4Page - Microsemi Corporation SA90 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1400.PDF 03-20-00
SA5.0
thru
SA170A
ELECTRICAL CHARACTERISTICS AT 25
°C
PART
NUMBER
BREAKDOWN
VOLTAGE V(BR)
MIN.
MAX
TEST
CURRENT
IT
RATED
STAND
OFF
VOLTAGE
VWM
MAX. REVERSE
STANDBY
CURRENT
ID @
VWM
MAX.
PEAK
REVERSE
VOLTAGE
VC MAX.
@ IPP
MAX. PEAK
PULSE
CURRENT
IPP
(Figure 2)
MAX.
TEMP.
COEFFICIENT
OF V(BR)
-55
°°°°C TO
175
°°°°C
α
αα
α
V(BR)
VOLTS
VOLTS
mA
VOLTS
µµµµ ADC
VOLTS
AMP
% /
°°°°C
SA22
24.4
29.8
1
22
1
39.4
12.7
.094
SA22A
24.4
26.9
1
22
1
35.5
14.1
.094
SA24
26.7
32.6
1
24
1
43.0
11.6
.096
SA24A
26.7
29.5
1
24
1
38.9
12.8
.096
SA26
28.9
35.3
1
26
1
46.6
10.7
.097
SA26A
28.9
31.9
1
26
1
42.1
11.9
.097
SA28
31.1
38.0
1
28
1
50.0
9.9
.098
SA28A
31.1
34.4
1
28
1
45.4
11.0
.098
SA30
33.3
40.7
1
30
1
53.5
9.3
.099
SA30A
33.3
36.8
1
30
1
48.4
10.3
.099
SA33
36.7
44.9
1
33
1
59.0
8.5
.100
SA33A
36.7
40.6
1
33
1
53.3
9.4
.100
SA36
40.0
48.9
1
36
1
64.3
7.8
.101
SA36A
40.0
44.2
1
36
1
58.1
8.6
.101
SA40
44.4
54.3
1
40
1
71.4
7.0
.101
SA40A
44.4
49.1
1
40
1
64.5
7.8
.101
SA43
47.8
58.4
1
43
1
76.7
6.5
.102
SA43A
47.8
52.8
1
43
1
69.4
7.2
.102
SA45
50.0
61.1
1
45
1
80.3
6.2
.102
SA45A
50.0
55.3
1
45
1
72.7
6.9
.102
SA48
53.3
65.1
1
48
1
85.5
5.8
.103
SA48A
53.3
58.9
1
48
1
77.4
6.5
.103
SA51
56.7
69.3
1
51
1
91.1
5.5
.103
SA51A
56.7
62.7
1
51
1
82.4
6.1
.103
SA54
60.0
73.3
1
54
1
96.3
5.2
.104
SA54A
60.0
66.3
1
54
1
87.1
5.7
.104
SA58
64.4
78.7
1
58
1
103.0
4.9
.104
SA58A
64.4
71.2
1
58
1
93.6
5.3
.104
SA60
66.7
81.5
1
60
1
107.0
4.7
.104
SA60A
66.7
73.7
1
60
1
96.8
5.2
.104
SA64
71.1
86.9
1
64
1
114.0
4.4
.105
SA64A
71.1
78.6
1
64
1
103.0
4.9
.105
SA70
77.8
95.1
1
70
1
125.0
4.0
.105
SA70A
77.8
86.0
1
70
1
113.0
4.4
.105
SA75
83.3
102.0
1
75
1
134.0
3.7
.105
SA75A
83.3
92.1
1
75
1
121.0
4.1
.105


Similar Part No. - SA90

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA90 YANGJIE-SA90 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA90 PANJIT-SA90 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DAESAN ELECTRONIC CORP.
SA90 DAESAN-SA90 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA90 LUGUANG-SA90 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA90 RFE-SA90 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Similar Description - SA90

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Micro Commercial Compon...
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Central Semiconductor C...
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Microsemi Corporation
SMCGJ6036 MICROSEMI-SMCGJ6036 Datasheet
257Kb / 4P
   5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com