Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89075WA Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC89075WA
Description  Digital Audio Interface Receiver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC89075WA Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC89075WA Datasheet HTML 4Page - ON Semiconductor LC89075WA Datasheet HTML 5Page - ON Semiconductor LC89075WA Datasheet HTML 6Page - ON Semiconductor LC89075WA Datasheet HTML 7Page - ON Semiconductor LC89075WA Datasheet HTML 8Page - ON Semiconductor LC89075WA Datasheet HTML 9Page - ON Semiconductor LC89075WA Datasheet HTML 10Page - ON Semiconductor LC89075WA Datasheet HTML 11Page - ON Semiconductor LC89075WA Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
LC89075WA
No.A2170-8/70
7. Electrical Characteristics
7.1 Absolute Maximum Ratings
Table 7.1 Absolute Maximum Ratings at AGND=PGND=DGND=0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
AVDD max
7.1.1
-0.3 to 6.0
V
Maximum supply voltage
DVDD max
7.1.2
-0.3 to 4.6
V
Input voltage 1
VIN1
7.1.3
-0.3 to AVDD max+0.3 (max.6.0Vp-p)
V
Input voltage 2
VIN2
7.1.4
-0.3 to DVDD max+0.3 (max.4.6Vp-p)
V
Output voltage
VOUT
7.1.5
-0.3 to DVDD max+0.3 (max.4.6Vp-p)
V
Storage ambient temperature
Tstg
-55 to 125
C
Operating ambient temperature
Topr
-30 to 85
C
Allowable power dissipation
Pd max
7.1.6
559
mW
Maximum input/output current
IIN, IOUT
7.1.7
20
mA
7.1.1: AVDD pin
7.1.2: PVDD and DVDD pins
7.1.3: ADINL, ADINR, RXIN1, RXIN2, RXIN3, RXIN4, RXIN5, RXIN6, RXIN7, and RXIN8 pins
7.1.4: MCKIN, BCKIN, LRCKIN, DATAIN, MPIN1, MPIN2, MPIN3, MPIN4, MPIN5, and MPIN6 pins
XIN, MPIO1, MPIO2, MPIO3, MPIO4, XMODE, CSB, SCK, SI, RXIN1A, RXIN2A, and RXIN3A pins
7.1.5: MCKOUT, BCKOUT, LRCKOUT, DATAOUT, MPOUT1, MPOUT2, MPOUT3, MPOUT4, and ERRF pins
MUTEB, NPCMF, XMCK, XOUT, MPIO1, MPIO2, MPIO3, MPIO4, SO, INTB, DSTATE, and RXOUT pins
7.1.6: Ta ≤ 85
C
7.1.7: Per input/output pin
7.2 Allowable Operating Range
Table 7.2 Recommended Operating Conditions at AGND=PGND=DGND=0V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage 1
AVDD1
7.2.1
4.5
5.0
5.5
V
Supply voltage 2
AVDD2
7.2.2
3.0
3.3
3.6
V
Supply voltage 3
DVDD
7.2.3
3.0
3.3
3.6
V
Input voltage range 1
VIN1
7.2.4
0
5.5
V
Input voltage range 2
VIN2
7.2.5
0
3.6
V
Output load capacitance 1
CL1
7.2.6
20
pF
Output load capacitance 2
CL2
7.2.7
30
pF
Operating temperature
Vopr
-30
25
85
C
7.2.1: AVDD pin (when ADC is used)
7.2.2: AVDD pin (ADC must be set to power-down mode at all times. “ADCOPR[1:0]=11”)
7.2.3: PVDD and DVDD pins
On/off of AVDD, PVDD, and DVDD should desirably be done at the same timing. If that is not possible, PVDD
and DVDD must be turned on earlier than AVDD. AVDD must also be turned off after PVDD and DVDD.
7.2.4: ADINL, ADINR, RXIN1, RXIN2, RXIN3, RXIN4, RXIN5, RXIN6, RXIN7, and RXIN8 pins
7.2.5: MCKIN, BCKIN, LRCKIN, DATAIN, MPIN1, MPIN2, MPIN3, MPIN4, MPIN5, and MPIN6 pins
XIN, MPIO1, MPIO2, MPIO3, MPIO4, XMODE, CSB, SCK, SI, RXIN1A, RXIN2A, and RXIN3A pins
7.2.6: MCKOUT pin
7.2.7: Output pins other than MCKOUT
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LC89075WA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
   Digital Audio Interface Receiver with Stereo ADC and Audio Selector
More results

Similar Description - LC89075WA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com