Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89075WA Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC89075WA
Description  Digital Audio Interface Receiver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC89075WA Datasheet(HTML) 4 Page - ON Semiconductor

  LC89075WA Datasheet HTML 1Page - ON Semiconductor LC89075WA Datasheet HTML 2Page - ON Semiconductor LC89075WA Datasheet HTML 3Page - ON Semiconductor LC89075WA Datasheet HTML 4Page - ON Semiconductor LC89075WA Datasheet HTML 5Page - ON Semiconductor LC89075WA Datasheet HTML 6Page - ON Semiconductor LC89075WA Datasheet HTML 7Page - ON Semiconductor LC89075WA Datasheet HTML 8Page - ON Semiconductor LC89075WA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
LC89075WA
No.A2170-4/70
5. Pin Functions
Table 5.1 Pin Functions
No
Name
I/O
Function
1
LPF
O
PLL: Loop filter connection pin
2
PGND
PLL: Analog GND
3
MCKIN
I
Group A
: Master clock input pin
to [MCKOUT], [MPOUT1]
Group A+B
: Master clock input pin
to [MCKOUT]
4
BCKIN
I
Group A
: Bit clock input pin
to [BCKOUT], [MPOUT2]
Group A+B
: Bit clock input pin
to [BCKOUT]
5
LRCKIN
I
Group A
: LR clock input pin
to [LRCKOUT], [MPOUT3]
Group A
: DSD data input pin
to [LRCKOUT], [MPOUT3]
Group A+B
: LR clock input pin
to [LRCKOUT]
6
DATAIN
I
Group A
: 2ch audio data input pin
to [DATAOUT], [MPOUT4]
Group A
: DSD data input pin
to [DATAOUT], [MPOUT4]
Group A+B
: 1, 2ch/8ch audio data input pin
to [DATAOUT]
7
MPIN1
I
Group B
: Master clock input pin
to [MCKOUT], [MPOUT1]
Group A+B
: 3, 4ch/8ch audio data input pin
to [MPOUT1]
8
MPIN2
I
Group B
: Bit clock input pin
to [BCKOUT], [MPOUT2]
Group A+B
: 5, 6ch/8ch audio data input pin
to [MPOUT2]
9
MPIN3
I
Group B
: LR clock input pin
to [LRCKOUT], [MPOUT3]
Group B
: DSD data input pin
to [LRCKOUT], [MPOUT3]
Group A+B
: 7, 8ch/8ch audio data input pin
to [MPOUT3]
10
MPIN4
I
Group B
: 2ch audio data input pin
to [DATAOUT], [MPOUT4]
Group B
: DSD data input pin
to [DATAOUT], [MPOUT4]
Group B
: 1, 2ch/6ch audio data input pin
to [DATAOUT]
Group A+B
: External error signal input pin
to [ERRF]
11
MPIN5
I
Group B
: 3, 4ch/6ch audio data input pin
to [MPOUT1]
Group A+B
: External data mute signal input pin
to [MUTEB]
12
MPIN6
I
Group B
: 5, 6ch/6ch audio data input pin
to [MPOUT2]
Group A+B
: External non-PCM signal input pin
to [NPCMF]
13
MCKOUT
O
Master clock output pin
from ADC, DIR, [MCKIN], [MPIN1], [MPIO1], [RXIN8]
14
BCKOUT
O
Bit clock output pin
from ADC, DIR, [BCKIN], [MPIN2], [MPIO2], [RXIN7]
15
LRCKOUT
O
LR clock output pin
from ADC, DIR, [LRCKIN], [MPIN3], [MPIO3], [RXIN6]
DSD data output pin
from [LRCKIN], [MPIN3], [MPIO3], [RXIN6]
16
DATAOUT
O
2ch audio data output pin
from ADC, DIR, [DATAIN], [MPIN4], [MPIO4], [RXIN5]
DSD data output pin
from [DATAIN], [MPIN4], [MPIO4], [RXIN5]
1, 2ch/6ch audio data output pin
from [MPIN4]
1, 2ch/8ch audio data output pin
from [DATAIN]
17
DGND
Digital GND
18
DVDD
Digital power supply (3.3V)
19
MPOUT1
O
Master clock output pin
from ADC, [MCKIN], [MPIN1], [MPIO1], [RXIN8]
3, 4ch/6ch audio data output pin
from [MPIN5]
3, 4ch/8ch audio data output pin
from [MPIN1]
20
MPOUT2
O
Bit clock output pin
from ADC, [BCKIN], [MPIN2], [MPIO2], [RXIN7]
5, 6ch/6ch audio data output pin
from [MPIN6]
5, 6ch/8ch audio data output pin
from [MPIN2]
21
MPOUT3
O
LR clock output pin
from ADC, [LRCKIN], [MPIN3], [MPIO3], [RXIN6]
DSD data output pin
from [LRCKIN], [MPIN3], [MPIO3], [RXIN6]
7, 8ch/8ch audio data output pin
from [MPIN3]
Continued on next page.


Similar Part No. - LC89075WA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
   Digital Audio Interface Receiver with Stereo ADC and Audio Selector
More results

Similar Description - LC89075WA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com