Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5214DW1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN5214DW1
Description  Dual NPN Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5214DW1 Datasheet(HTML) 1 Page - ON Semiconductor

  MUN5214DW1 Datasheet HTML 1Page - ON Semiconductor MUN5214DW1 Datasheet HTML 2Page - ON Semiconductor MUN5214DW1 Datasheet HTML 3Page - ON Semiconductor MUN5214DW1 Datasheet HTML 4Page - ON Semiconductor MUN5214DW1 Datasheet HTML 5Page - ON Semiconductor MUN5214DW1 Datasheet HTML 6Page - ON Semiconductor MUN5214DW1 Datasheet HTML 7Page - ON Semiconductor MUN5214DW1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 2
1
Publication Order Number:
DTC114YD/D
MUN5214DW1,
NSBC114YDXV6,
NSBC114YDP6
Dual NPN Bias Resistor
Transistors
R1 = 10 kW, R2 = 47 kW
NPN Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base-emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
S and NSV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC-Q101 Qualified and PPAP Capable*
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
(TA = 25°C, common for Q1 and Q2, unless otherwise noted)
Rating
Symbol
Max
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
40
Vdc
Input Reverse Voltage
VIN(rev)
6
Vdc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
ORDERING INFORMATION
Device
Package
Shipping
MUN5214DW1T1G,
SMUN5214DW1T1G*
SOT−363
3,000 / Tape & Reel
NSVMUN5214DW1T3G*
SOT−363
10,000 / Tape & Reel
NSBC114YDXV6T1G
NSVBC114YDXV6T1G
SOT−563
4,000 / Tape & Reel
NSBC114YDXV6T5G
SOT−563
8,000 / Tape & Reel
NSBC114YDP6T5G
SOT−963
8,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and
tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MARKING DIAGRAMS
PIN CONNECTIONS
7D M
G
G
1
6
7D M
G
G
1
7D/P
= Specific Device Code
M
= Date Code*
G
= Pb-Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending up-
on manufacturing location.
SOT−363
CASE 419B
SOT−563
CASE 463A
Q1
Q2
(1)
(2)
(3)
(6)
(5)
(4)
R1
R2
R2
R1
SOT−963
CASE 527AD
PM
G
G
1


Similar Part No. - MUN5214DW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5214DW1T1 MOTOROLA-MUN5214DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5214DW1T1 LRC-MUN5214DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5214DW1T1 ETL-MUN5214DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
More results

Similar Description - MUN5214DW1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC114YDXV6T1G ONSEMI-NSBC114YDXV6T1G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5233DW1T1G ONSEMI-SMUN5233DW1T1G Datasheet
120Kb / 8P
   Dual NPN Bias Resistor Transistors
May, 2013 ??Rev. 1
NSBC123TDP6 ONSEMI-NSBC123TDP6 Datasheet
99Kb / 5P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5234DW1 ONSEMI-MUN5234DW1 Datasheet
141Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TD ONSEMI-NSBC115TD Datasheet
102Kb / 5P
   Dual NPN Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5236DW1 ONSEMI-MUN5236DW1 Datasheet
116Kb / 6P
   Dual NPN Bias Resistor Transistors
January, 2014 ??Rev. 1
SMUN5211DW1T1G ONSEMI-SMUN5211DW1T1G Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com