Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3W800LMNTWG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB3W800LMNTWG
Description  Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W800LMNTWG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB3W800LMNTWG Datasheet HTML 4Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 5Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 6Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 7Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 8Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 9Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 10Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 11Page - ON Semiconductor NB3W800LMNTWG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NB3W800L
www.onsemi.com
8
Table 13. ELECTRICAL CHARACTERISTICS – Current Consumption
(VDD = VDDA = 3.3 V ±5%, TA = 0°C − 70°C), See Test Loads for Loading Conditions. (Note 35)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDDVDD
Operating Current (Note 34)
133 MHz, VDD rail
94
105
mA
IDDVDDA
133 MHz, VDDA + VDDR rail, PLL Mode
38
50
mA
IDDVDDPD
Powerdown Current (Note 34)
Power Down, VDD Rail
2.0
3.5
mA
IDDVDDAPD
Power Down, VDDA Rail
0.5
1.0
mA
34. Guaranteed by design and characterization, not tested in production.
35. CL = 2 pF with RS = 27 W for Zo = 85 W differential trace impedance.
Table 14. ELECTRICAL CHARACTERISTICS – Skew and Differential Jitter Parameters
(VDD = VDDA = 3.3 V ±5%, TA = 0°C − 70°C), See Test Loads for Loading Conditions.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tSPO_PLL
CLK_IN, DIF[x:0]
(Notes 36, 37, 39, 40, 43)
Input−to−Output Skew in PLL mode
nominal value @ 25
°C, 3.3 V
−100
100
ps
tPD_BYP
CLK_IN, DIF[x:0]
(Notes 36, 37, 39, 40, 43)
Input−to−Output Skew in Bypass mode
nominal value @ 25
°C, 3.3 V
2.5
4.5
ns
tDSPO_PLL
CLK_IN, DIF[x:0]
(Notes 36, 37, 39, 40, 43)
Input−to−Output Skew Varation in PLL mode
across voltage and temperature
−100
100
ps
tDSPO_BYP
CLK_IN, DIF[x:0]
(Notes 36, 37, 39, 40, 43)
Input−to−Output Skew Varation in Bypass
mode across voltage and temperature
−250
250
ps
tSKEW_ALL
DIF{x:0]
(Notes 36, 37, 39, 43)
Output−to−Output Skew across all outputs
(Common to Bypass and PLL mode)
50
ps
jpeak−hbw
PLL Jitter Peaking
(Notes 36, 42, 43)
HBW_BYP_LBW# = 1
2.5
dB
jpeak−lbw
PLL Jitter Peaking
(Notes 36, 42, 43)
HBW_BYP_LBW# = 0
2
dB
pllHBW
PLL Bandwidth
(Notes 36, 43, 44)
HBW_BYP_LBW# = 1
2
3
4
MHz
pllLBW
PLL Bandwidth
(Notes 36, 43, 44)
HBW_BYP_LBW# = 0
0.7
1
1.4
MHz
tDC
Duty Cycle (Note 36, 46)
Measured differentially, PLL and Bypass Mode
45
50
55
%
tDCD
Duty Cycle Distortion
(Notes 36, 45)
Measured differentially, Bypass Mode
@ 100 MHz
−2
0
2
%
tjcyc−cyc
Jitter, Cycle to cycle
(Notes 36, 46)
PLL mode
50
ps
Additive Jitter in Bypass Mode
50
ps
36. CL = 2 pF with RS = 27 W for Zo = 85 W differential trace impedance. Input to output skew is measured at the first output edge following the
corresponding input.
37. Measured from differential cross−point to differential cross−point. This parameter can be tuned with external feedback path, if present.
38. All Bypass Mode Input−to−Output specs refer to the timing between an input edge and the specific output edge created by it.
39. This parameter is deterministic for a given device
40. Measured with scope averaging on to find mean value.
41. t is the period of the input clock
42. Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
43. Guaranteed by design and characterization, not tested in production.
44. Measured at 3 db down or half power point.
45. Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
46. Measured from differential waveform. Bypass mode, input duty cycle = 50%.


Similar Part No. - NB3W800LMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800LMNTWG ONSEMI-NB3W800LMNTWG Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
July, 2016 ??Rev. 2
NB3W800LMNTWG ONSEMI-NB3W800LMNTWG Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
February, 2017 ??Rev. 3
More results

Similar Description - NB3W800LMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
NB3L208K ONSEMI-NB3L208K Datasheet
123Kb / 13P
   2.5V, 3.3V Differential 1:8 HCSL Fanout Buffer
March, 2015 ??Rev. 2
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com