Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP6335 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP6335
Description  Configurable 4.0 A Step Down Converter - Transient Load Helper
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6335 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP6335 Datasheet HTML 1Page - ON Semiconductor NCP6335 Datasheet HTML 2Page - ON Semiconductor NCP6335 Datasheet HTML 3Page - ON Semiconductor NCP6335 Datasheet HTML 4Page - ON Semiconductor NCP6335 Datasheet HTML 5Page - ON Semiconductor NCP6335 Datasheet HTML 6Page - ON Semiconductor NCP6335 Datasheet HTML 7Page - ON Semiconductor NCP6335 Datasheet HTML 8Page - ON Semiconductor NCP6335 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NCP6335
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Analog and power pins: AVIN, PVIN, SW, PG, INTB, FB
VA
−0.3 to + 6.0
V
Digital pins: SCL, SDA, EN, VSEL, Pin:
Input Voltage
Input Current
VDG
IDG
−0.3 to VA +0.3 ≤ 6.0
10
V
mA
Human Body Model (HBM) ESD Rating are (Note 1)
ESD HBM
2500
V
Charged Device Model (CDM) ESD Rating are (Note 1)
ESD CDM
1250
V
Latch Up Current: (Note 2)
Digital Pins
All Other Pins
ILU
±10
±100
mA
Storage Temperature Range
TSTG
−65 to + 150
°C
Maximum Junction Temperature
TJMAX
−40 to +150
°C
Moisture Sensitivity (Note 3)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and passes the following tests:Human Body Model (HBM)
±2.5 kV per JEDEC standard:
JESD22−A114, Charged Device Model (CDM)
±1.25 kV per JEDEC standard: JESD22−C101 Class IV.
2. Latch up Current per JEDEC standard: JESD78 class II.
3. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.
OPERATING CONDITIONS (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
AVIN,
PVIN
Power Supply
2.3
5.5
V
TA
Ambient Temperature Range
−40
25
+85
°C
TJ
Junction Temperature Range (Note 5)
−40
25
+125
°C
RqJA
Thermal Resistance Junction to Ambient (Note 6)
CSP−20 on Demo−board
55
°C/W
PD
Power Dissipation Rating (Note 7)
TA ≤ 85°C
727
mW
PD
Power Dissipation Rating (Note 7)
TA = 65°C
1090
mW
L
Inductor for DCDC converter (Note 4)
0.47
mH
Co
Output Capacitor for DCDC Converter (Note 4)
30
150
mF
Cin
Input Capacitor for DCDC Converter (Note 4)
4.7
mF
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
4. Including de−ratings (Refer to the Application Information section of this document for further details)
5. The thermal shutdown set to 150
°C (typical) avoids potential irreversible damage on the device due to power dissipation.
6. The RqJA is dependent of the PCB heat dissipation. Board used to drive this data was a NCP6335EVB board. It is a multilayer board with
1−once internal power and ground planes and 2−once copper traces on top and bottom of the board.
7. The maximum power dissipation (PD) is dependent by input voltage, maximum output current and external components selected.
RqJA +
125
* T
A
P
D


Similar Part No. - NCP6335

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335AFCCT1G ONSEMI-NCP6335AFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCP6335BFCCT1G ONSEMI-NCP6335BFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCP6335DFCCT1G ONSEMI-NCP6335DFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCP6335FFCCT1G ONSEMI-NCP6335FFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCP6335G ONSEMI-NCP6335G Datasheet
1Mb / 29P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 0
More results

Similar Description - NCP6335

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335FFCCT1G ONSEMI-NCP6335FFCCT1G Datasheet
1Mb / 35P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2
NCV6336 ONSEMI-NCV6336 Datasheet
1Mb / 31P
   Step Down Converter - Transient Load Helper, Configurable
August, 2019 ??Rev. 0
NCP6335G ONSEMI-NCP6335G Datasheet
1Mb / 29P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 0
NCP6336 ONSEMI-NCP6336 Datasheet
1Mb / 30P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. P2
NCV6356 ONSEMI-NCV6356 Datasheet
2Mb / 34P
   AOT Step Down Converter, Configurable 5.0 A
August, 2019 - Rev. 0
NCV6357 ONSEMI-NCV6357 Datasheet
2Mb / 34P
   Step Down Converter - AOT, Configurable 5.0 A
October, 2019 - Rev. 4
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
   FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com