Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP6335AFCCT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP6335AFCCT1G
Description  Configurable 4.0 A Step Down Converter - Transient Load Helper
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6335AFCCT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP6335AFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 9Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 10Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 11Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 12Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 13Page - ON Semiconductor NCP6335AFCCT1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
NCP6335xFCCT1G
www.onsemi.com
10
TYPICAL OPERATING CHARACTERISTICS
AVIN = PVIN = 3.6 V, TJ = +25°C, DCDC = 1.15 V (Unless otherwise noted). L = 0.47 mH PIFE20161B – COUT = 2 x 22 mF 0603,
CIN = 4.7 mF 0603
Figure 22. PWM Ripple
Figure 23. PFM Ripple
Figure 24. Normal Power Up, VOUT = 1.15 V
Figure 25. DVS Transition 1.0V – 1.39375 V


Similar Part No. - NCP6335AFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335 ONSEMI-NCP6335 Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335DFCT1G ONSEMI-NCP6335DFCT1G Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335FFCT1G ONSEMI-NCP6335FFCT1G Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335FFCT2G ONSEMI-NCP6335FFCT2G Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCP6335G ONSEMI-NCP6335G Datasheet
1Mb / 29P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 0
More results

Similar Description - NCP6335AFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6335 ONSEMI-NCP6335 Datasheet
1Mb / 30P
   Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5
NCV6336 ONSEMI-NCV6336 Datasheet
1Mb / 31P
   Step Down Converter - Transient Load Helper, Configurable
August, 2019 ??Rev. 0
NCP6335G ONSEMI-NCP6335G Datasheet
1Mb / 29P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 0
NCP6336 ONSEMI-NCP6336 Datasheet
1Mb / 30P
   Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. P2
NCV6356 ONSEMI-NCV6356 Datasheet
2Mb / 34P
   AOT Step Down Converter, Configurable 5.0 A
August, 2019 - Rev. 0
NCV6357 ONSEMI-NCV6357 Datasheet
2Mb / 34P
   Step Down Converter - AOT, Configurable 5.0 A
October, 2019 - Rev. 4
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
   FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com