Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81071CMNTXG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP81071CMNTXG
Description  Dual 5 A High Speed Low-Side MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81071CMNTXG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP81071CMNTXG Datasheet HTML 5Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 6Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 7Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 8Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 9Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 10Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 11Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 12Page - ON Semiconductor NCP81071CMNTXG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP81071
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 18. Propagation Delay td1 vs. Supply
Voltage
Figure 19. Propagation Delay td2 vs. Supply
Voltage
VDD, SUPPLY VOLTAGE (V)
VDD, SUPPLY VOLTAGE (V)
18
16
14
12
10
8
6
4
0
5
10
15
20
25
30
18
16
14
12
10
8
6
4
0
5
10
15
20
25
30
Figure 20. Fall Time tf vs. Supply Voltage
Figure 21. Rise Time tr vs. Supply Voltage
VDD, SUPPLY VOLTAGE (V)
VDD, SUPPLY VOLTAGE (V)
18
16
14
12
10
8
6
4
0
5
10
15
20
25
30
18
16
14
12
10
8
6
4
0
5
10
15
20
25
30
Figure 22. Output Behavior vs. Supply Voltage
NCP81071A (Inverting) 10 nF between Output
and GND, INA = GND, ENA = VDD
Figure 23. Output Behavior vs. Supply Voltage
NCP81071A (Inverting) 10 nF between Output
and GND, INA = GND, ENA = VDD
Output
VDD
Output
VDD
20
20
35
470 pF
1.0 nF
2.2 nF
4.7 nF
10 nF
20
470 pF
1.0 nF
2.2 nF
4.7 nF
10 nF
20
10 nF
4.7 nF
2.2 nF
1.0 nF
470 pF
10 nF
4.7 nF
2.2 nF
1.0 nF
470 pF


Similar Part No. - NCP81071CMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071CMNTXG ONSEMI-NCP81071CMNTXG Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
More results

Similar Description - NCP81071CMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071_16 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com