Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89052TA-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC89052TA-E
Description  Digital Audio Interface Receiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC89052TA-E Datasheet(HTML) 2 Page - ON Semiconductor

  LC89052TA-E Datasheet HTML 1Page - ON Semiconductor LC89052TA-E Datasheet HTML 2Page - ON Semiconductor LC89052TA-E Datasheet HTML 3Page - ON Semiconductor LC89052TA-E Datasheet HTML 4Page - ON Semiconductor LC89052TA-E Datasheet HTML 5Page - ON Semiconductor LC89052TA-E Datasheet HTML 6Page - ON Semiconductor LC89052TA-E Datasheet HTML 7Page - ON Semiconductor LC89052TA-E Datasheet HTML 8Page - ON Semiconductor LC89052TA-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LC89052TA-E
No.7457-2/42
Continued from preceding page.
• Equipped with a user definable output port that can be selected from the following functions.
—Microcontroller interface register output (for power saving mode optical module control signals, etc.)
—Signal output of transitional period where VCO clock and external input clock are switched.
• Can dispense with un-used microcontroller control.
• 3.3V single source power supply (Can operate at a minimum voltage of 2.7V.)
• The TTL input ports can support 5V interface operation.
• Package: TSSOP-24
3. Package Dimensions
unit : mm
3260A
4. Pin Assignments
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
19
20
CE
CL
DO
E / INT
AUDIO
RXIN
XIN
SDIN
LRCK
BCK
DGND
AGND
CKOUT
LC89052TA-E
NC
11
NC
12
21
22
23
1
24
DI
UGPI
DATAO
XOUT
ERROR
PD
DVDD
Top view
AVDD
LPF


Similar Part No. - LC89052TA-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
More results

Similar Description - LC89052TA-E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com