Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP336FCT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP336FCT2G
Description  3 A Ultra-Small Controlled Load Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP336FCT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP336FCT2G Datasheet HTML 1Page - ON Semiconductor NCP336FCT2G Datasheet HTML 2Page - ON Semiconductor NCP336FCT2G Datasheet HTML 3Page - ON Semiconductor NCP336FCT2G Datasheet HTML 4Page - ON Semiconductor NCP336FCT2G Datasheet HTML 5Page - ON Semiconductor NCP336FCT2G Datasheet HTML 6Page - ON Semiconductor NCP336FCT2G Datasheet HTML 7Page - ON Semiconductor NCP336FCT2G Datasheet HTML 8Page - ON Semiconductor NCP336FCT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP336, NCP337
http://onsemi.com
2
Table 1. PIN FUNCTION DESCRIPTION
Pin Name
Pin Number
Type
Description
IN
A2, B2
POWER
Load−switch input voltage; connect a 1 mF or greater ceramic capacitor from IN to GND
as close as possible to the IC.
GND
C1
POWER
Ground connection.
EN
C2
INPUT
Enable input, logic high turns on power switch.
OUT
A1, B1
OUTPUT
Load−switch output; connect a 1 mF ceramic capacitor from OUT to GND as close as
possible to the IC is recommended.
Figure 2. Block Diagram


Similar Part No. - NCP336FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP330 ONSEMI-NCP330 Datasheet
211Kb / 9P
   Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
   Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
211Kb / 9P
   Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
NCP331SNT1G ONSEMI-NCP331SNT1G Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
More results

Similar Description - NCP336FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP339 ONSEMI-NCP339 Datasheet
250Kb / 10P
   3 A Ultra-Small Controlled Load Switch
November, 2013 ??Rev. 2
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
   3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com