Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP18XM331J03RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NCP18XM331J03RB
Description  lead is not contained in the product
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP18XM331J03RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NCP18XM331J03RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP18XM331J03RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP18XM331J03RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NCP18XM331J03RB
Specifications
Resistance
(25
)
330Ω
Resistance Value Tolerance (at
25
)
±5%
B-Constant
(25/50
)
3500K
B-Constant
(25/50
) Tolerance
±3%
B-Constant
(25/80
) (Reference
Value)
3539K
B-Constant
(25/85
) (Reference
Value)
3545K
B-Constant
(25/100
) (Reference
Value)
3560K
Permissive Operating Current
(25
)
1.7mA
Rated Electric Power
(25
)
100mW
Typical Dissipation Constant
(25
)
1mW/
Operating Temperature Range
-
40
to
125
Shape
SMD
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/09


Similar Part No. - NCP18XM331J03RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XM331J03RB MURATA-NCP18XM331J03RB Datasheet
209Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP18XM331J03RB MURATA1-NCP18XM331J03RB Datasheet
574Kb / 3P
   NTC for Temperature Sensor
10/17/2022
NCP18XM331J03RB MURATA1-NCP18XM331J03RB Datasheet
616Kb / 3P
   NTC for Temperature Sensor
01/10/2024
logo
Murata Manufacturing Co...
NCP18XM331J03RB MURATA-NCP18XM331J03RB_17 Datasheet
209Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP18XM331J03RB MURATA1-NCP18XM331J03RB_V01 Datasheet
574Kb / 3P
   NTC for Temperature Sensor
10/17/2022
More results

Similar Description - NCP18XM331J03RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
   lead is not contained in the product
NCP18XW682J03RB MURATA-NCP18XW682J03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18WD683E03RB MURATA-NCP18WD683E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18WM474E03RB MURATA-NCP18WM474E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XM331E03RB MURATA-NCP18XM331E03RB Datasheet
191Kb / 3P
   lead is not contained in the product
NCP18XQ681E03RB MURATA-NCP18XQ681E03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18XW222J03RB MURATA-NCP18XW222J03RB Datasheet
187Kb / 3P
   lead is not contained in the product
NCP18XW472J03RB MURATA-NCP18XW472J03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18XF101E03RB MURATA-NCP18XF101E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XF151J03RB MURATA-NCP18XF151J03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XW472E03RB MURATA-NCP18XW472E03RB Datasheet
191Kb / 3P
   lead is not contained in the product
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com