Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS24A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # FS24A
Description  Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS24A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  FS24A_15 Datasheet HTML 1Page - GOOD-ARK Electronics FS24A_15 Datasheet HTML 2Page - GOOD-ARK Electronics FS24A_15 Datasheet HTML 3Page - GOOD-ARK Electronics FS24A_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FS24A
Surface Mount Schottky Rectifier
Reverse Voltage 40V Forward Current 2A
www.goodark.com
3/4
2015.01-Rev.A
Package Outline Dimensions
in inches (millimeters)
DIM
MIN
MAX
MIN
MAX
Unit: inch
Unit: mm
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
Soldering  footprint
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Packing Information
Packing quantities:
3000 pcs/Reel, 40 Reels/Box; 8mm Tape, 7" Reel
Tape & Reel Specification
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
www.goodark.com
3/4
2015.01-Rev.A


Similar Part No. - FS24A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS24A GOOD-ARK-FS24A Datasheet
358Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - FS24A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL24 GOOD-ARK-FSL24_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS22 GOOD-ARK-FS22_15 Datasheet
201Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 2A
SGP0230SD GOOD-ARK-SGP0230SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30~40V Forward Current 2A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
FSL14 GOOD-ARK-FSL14_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com