Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS22 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # FS22
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS22 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  FS22_15 Datasheet HTML 1Page - GOOD-ARK Electronics FS22_15 Datasheet HTML 2Page - GOOD-ARK Electronics FS22_15 Datasheet HTML 3Page - GOOD-ARK Electronics FS22_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FS22 thru FS24
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 2A
www.goodark.com
4/4
2014.04-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer’s application; they do not convey any license under any
intellectual property rights or any other rights belonging to Suzhou Good Ark Electronics Co Ltd or
intellectual propertyrights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or
a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of
any third-party ’ s rights, originating in the use of any product data, diagrams, charts, programs,
algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product
improvements or other reasons. It is therefore recommended that customers contact Suzhou Good-
Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest
product information before purchasing a product listed herein. The information described here may
contain technical inacc racies or t pographical errors
Sho
Good Ark Electronics Co
Ltd
contain technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics Co., Ltd.
assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or
errors. Please also pay attention to information published by Suzhou Good-Ark Electronics Co., Ltd.
by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or other loss
resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
d
i
h l
i
t th
t i l
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details
on these materials or the products contained herein.
www.goodark.com
4/4
2014.04-Rev.A


Similar Part No. - FS22_15

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS220 FEELING-FS220 Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
FS220LF-A FEELING-FS220LF-A Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
FS220LF-B FEELING-FS220LF-B Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
FS220LF-C FEELING-FS220LF-C Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
logo
Littelfuse
FS224 LITTELFUSE-FS224 Datasheet
410Kb / 2P
   Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
More results

Similar Description - FS22_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS24A GOOD-ARK-FS24A_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL24 GOOD-ARK-FSL24_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
SGP0230SD GOOD-ARK-SGP0230SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30~40V Forward Current 2A
FSL32 GOOD-ARK-FSL32_15 Datasheet
207Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
FS32A GOOD-ARK-FS32A_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
LS22 GOOD-ARK-LS22_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 2A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com