Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS12CH Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # FS12CH
Description  Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 1.2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS12CH Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  FS12CH_15 Datasheet HTML 1Page - GOOD-ARK Electronics FS12CH_15 Datasheet HTML 2Page - GOOD-ARK Electronics FS12CH_15 Datasheet HTML 3Page - GOOD-ARK Electronics FS12CH_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FS12CH
Surface Mount Schottky Rectifier
Reverse Voltage 200V Forward Current 1.2A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak Forward 
Surge Current
Figure 3. Typical Instantaneous Reverse Characteristics 
Figure 4. Typical Junction Capacitance
Figure 5. Typical Instantaneous Forward Characteristics 
www.goodark.com
2/4
2015.07-Rev.A


Similar Part No. - FS12CH_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS12CH GOOD-ARK-FS12CH Datasheet
364Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - FS12CH_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
SGC10CS GOOD-ARK-SGC10CS_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 10A
LS12 GOOD-ARK-LS12_15 Datasheet
193Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
LS2BH GOOD-ARK-LS2BH_15 Datasheet
274Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100~200V Forward Current 2A
FS2B5H GOOD-ARK-FS2B5H_15 Datasheet
336Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 150~200V Forward Current 2A
FS12 GOOD-ARK-FS12_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
logo
Leshan Radio Company
S-CSM10200C LRC-S-CSM10200C Datasheet
364Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 200V Forward Current 10.0A
Rev.A Dec. 2021
logo
First Silicon Co., Ltd
SS12 FS-SS12 Datasheet
324Kb / 2P
   REVERSE VOLTGE 20V~200V FORWARD CURRENT 1.0AMP Surface Mount Schottky Barrier Rectifier
logo
GOOD-ARK Electronics
SGC101BSA GOOD-ARK-SGC101BSA_15 Datasheet
211Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com