Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST5-SI-NN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST5-SI-NN
Description  DC Advanced Microstep Drive w/ Si Programming
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST5-SI-NN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST5-SI-NN Datasheet HTML 1Page - List of Unclassifed Manufacturers ST5-SI-NN Datasheet HTML 2Page - List of Unclassifed Manufacturers ST5-SI-NN Datasheet HTML 3Page - List of Unclassifed Manufacturers ST5-SI-NN Datasheet HTML 4Page - List of Unclassifed Manufacturers ST5-SI-NN Datasheet HTML 5Page - List of Unclassifed Manufacturers ST5-SI-NN Datasheet HTML 6Page - List of Unclassifed Manufacturers ST5-SI-NN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Model Number:
ST5-Si-NN
Part Number:
5000-129
Supply Voltage:
24-48 VDC
Supply Voltage Type:
DC
Control Modes:
Si Programming
Output Current:
0.1-5.0 A/phase
Communication Ports:
RS-232
Encoder Feedback:
No
Step Resolution:
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-90%
Setup Method:
Software setup
Digital Inputs:
8
Digital Outputs:
4
Dimensions:
5.0 x 3.0 x 1.75 inches
Weight:
10.4 oz
Operating Temperature
Range:
0-70 °C
Ambient Temperature
Range:
0-55 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications


Similar Part No. - ST5-SI-NN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST5-SI-NF ETC2-ST5-SI-NF Datasheet
587Kb / 8P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
More results

Similar Description - ST5-SI-NN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST10-SI-NN ETC2-ST10-SI-NN Datasheet
1Mb / 8P
   DC Advanced Microstep Drive w/ Si Programming
1240I ETC2-1240I Datasheet
365Kb / 5P
   DC Microstep Drive w/ Si Programming
3540I ETC2-3540I Datasheet
272Kb / 5P
   DC Microstep Drive w/ Si Programming
ST10-SI-NE ETC2-ST10-SI-NE Datasheet
1Mb / 9P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input
ST10-SI-NF ETC2-ST10-SI-NF Datasheet
913Kb / 8P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
ST5-Q-NN ETC2-ST5-Q-NN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST5-Q-RN ETC2-ST5-Q-RN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST10-Q-RN ETC2-ST10-Q-RN Datasheet
969Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming
ST5-SI-NF ETC2-ST5-SI-NF Datasheet
587Kb / 8P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
ST10-PLUS ETC2-ST10-PLUS Datasheet
969Kb / 9P
   DC Advanced Microstep Drive w/ Q Programming
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com